| Electronic Components Datasheet Search |
|
HD6432148SW Datasheet(PDF) 448 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432148SW Datasheet(HTML) 448 Page - Renesas Technology Corp |
|
448 / 1177 page ![]() Section 13 Timer Connection Rev. 4.00 Sep 27, 2006 page 404 of 1130 REJ09B0327-0400 13.3.8 VSYNCO Output With the VSYNCO output, the meaning of the signal source to be selected and use or non-use of modification varies according to the IVI signal source and the waveform required by external circuitry. The meaning of the VSYNCO output in each mode is shown in table 13.10. Table 13.10 Meaning of VSYNCO Output in Each Mode Mode IVI Signal IVO Signal Meaning of IVO Signal No signal VFBACKI input IVI signal (without fall modification or IHI synchronization) VFBACKI input is output directly IVI signal (without fall modification, with IHI synchronization) Meaningless unless VFBACKI input is synchronized with HFBACKI input IVI signal (with fall modification, without IHI synchronization) VFBACKI input fall is modified before output IVI signal (with fall modification and IHI synchronization) VFBACKI input fall is modified and signal is synchronized with HFBACKI input before output IVG signal Internal synchronization signal is output S-on-G mode or composite mode PDC signal IVI signal (without fall modification or IHI synchronization) CSYNCI/HSYNCI input (composite synchronization signal) vertical synchronization signal part is separated before output IVI signal (without fall modification, with IHI synchronization) CSYNCI/HSYNCI input (composite synchronization signal) vertical synchronization signal part is separated, and signal is synchronized with CSYNCI/HSYNCI input before output IVI signal (with fall modification, without IHI synchronization) CSYNCI/HSYNCI input (composite synchronization signal) vertical synchronization signal part is separated, and fall is modified before output IVI signal (with fall modification and IHI synchronization) CSYNCI/HSYNCI input (composite synchronization signal) vertical synchronization signal part is separated, fall is modified, and signal is synchronized with CSYNCI/HSYNCI input before output IVG signal Internal synchronization signal is output |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |