Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 160Page - Renesas Technology Corp HD6432148SW Datasheet HTML 161Page - Renesas Technology Corp HD6432148SW Datasheet HTML 162Page - Renesas Technology Corp HD6432148SW Datasheet HTML 163Page - Renesas Technology Corp HD6432148SW Datasheet HTML 164Page - Renesas Technology Corp HD6432148SW Datasheet HTML 165Page - Renesas Technology Corp HD6432148SW Datasheet HTML 166Page - Renesas Technology Corp HD6432148SW Datasheet HTML 167Page - Renesas Technology Corp HD6432148SW Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 1177 page
background image
Section 5 Interrupt Controller
Rev. 4.00 Sep 27, 2006 page 120 of 1130
REJ09B0327-0400
ISCRH and ISCRL are 8-bit readable/writable registers that select rising edge, falling edge, or
both edge detection, or level sensing, for the input at pins
IRQ7 to IRQ0.
Each of the ISCR registers is initialized to H'00 by a reset and in hardware standby mode.
ISCRH Bits 7 to 0, ISCRL Bits 7 to 0: IRQ7 Sense Control A and B (IRQ7SCA, IRQ7SCB) to
IRQ0 Sense Control A and B (IRQ0SCA, IRQ0SCB)
ISCRH Bits 7 to 0
ISCRL Bits 7 to 0
IRQ7SCB to
IRQ0SCB
IRQ7SCA to
IRQ0SCA
Description
0
0
Interrupt request generated at
IRQ7 to IRQ0 input low level
(Initial value)
1
Interrupt request generated at falling edge of
IRQ7 to IRQ0 input
1
0
Interrupt request generated at rising edge of
IRQ7 to IRQ0 input
1
Interrupt request generated at both falling and rising edges of
IRQ7 to IRQ0 input
5.2.5
IRQ Status Register (ISR)
7
IRQ7F
0
R/(W)*
6
IRQ6F
0
R/(W)*
5
IRQ5F
0
R/(W)*
4
IRQ4F
0
R/(W)*
3
IRQ3F
0
R/(W)*
0
IRQ0F
0
R/(W)*
2
IRQ2F
0
R/(W)*
1
IRQ1F
0
R/(W)*
Bit
Initial value
Read/Write
Note: * Only 0 can be written, to clear the flag.
ISR is an 8-bit readable/writable register that indicates the status of IRQ7 to IRQ0 interrupt
requests.
ISR is initialized to H'00 by a reset and in hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com