Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 161Page - Renesas Technology Corp HD6432148SW Datasheet HTML 162Page - Renesas Technology Corp HD6432148SW Datasheet HTML 163Page - Renesas Technology Corp HD6432148SW Datasheet HTML 164Page - Renesas Technology Corp HD6432148SW Datasheet HTML 165Page - Renesas Technology Corp HD6432148SW Datasheet HTML 166Page - Renesas Technology Corp HD6432148SW Datasheet HTML 167Page - Renesas Technology Corp HD6432148SW Datasheet HTML 168Page - Renesas Technology Corp HD6432148SW Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 1177 page
background image
Section 5 Interrupt Controller
Rev. 4.00 Sep 27, 2006 page 121 of 1130
REJ09B0327-0400
Bits 7 to 0—IRQ7 to IRQ0 Flags (IRQ7F to IRQ0F): These bits indicate the status of IRQ7 to
IRQ0 interrupt requests.
Bit n
IRQnF
Description
0
[Clearing conditions]
(Initial value)
• Cleared by reading IRQnF when set to 1, then writing 0 in IRQnF
• When interrupt exception handling is executed while low-level detection is set
(IRQnSCB = IRQnSCA = 0) and
IRQn input is high*
• When IRQn interrupt exception handling is executed while falling, rising, or both-edge
detection is set (IRQnSCB = 1 or IRQnSCA = 1)*
1
[Setting conditions]
• When IRQn input goes low when low-level detection is set (IRQnSCB = IRQnSCA = 0)
• When a falling edge occurs in IRQn input while falling edge detection is set
(IRQnSCB = 0, IRQnSCA = 1)
• When a rising edge occurs in IRQn input while rising edge detection is set
(IRQnSCB = 1, IRQnSCA = 0)
• When a falling or rising edge occurs in IRQn input while both-edge detection is set
(IRQnSCB = IRQnSCA = 1)
Notes: n = 7 to 0
*
When a product, in which a DTC is incorporated, is used in the following settings, the
corresponding flag bit is not automatically cleared even when exception handling, which
is a clear condition, is executed and the bit is held at 1.
(1) When DTCEA3 is set to 1 (ADI is set to an interrupt source), IRQ4F flag is not
automatically cleared.
(2) When DTCEA2 is set to 1 (ICIA is set to an interrupt source), IRQ5F flag is not
automatically cleared.
(3) When DTCEA1 is set to 1 (ICIB is set to an interrupt source), IRQ6F flag is not
automatically cleared.
(4) When DTCEA0 is set to 1 (OCIA is set to an interrupt source), IRQ7F flag is not
automatically cleared.
When activation interrupt sources of DTC and IRQ interrupts are used with the above
combinations, clear the interrupt flag by software in the interrupt handling routine of the
corresponding IRQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com