Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 211Page - Renesas Technology Corp HD6432148SW Datasheet HTML 212Page - Renesas Technology Corp HD6432148SW Datasheet HTML 213Page - Renesas Technology Corp HD6432148SW Datasheet HTML 214Page - Renesas Technology Corp HD6432148SW Datasheet HTML 215Page - Renesas Technology Corp HD6432148SW Datasheet HTML 216Page - Renesas Technology Corp HD6432148SW Datasheet HTML 217Page - Renesas Technology Corp HD6432148SW Datasheet HTML 218Page - Renesas Technology Corp HD6432148SW Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 1177 page
background image
Section 6 Bus Controller
Rev. 4.00 Sep 27, 2006 page 171 of 1130
REJ09B0327-0400
6.4.5
Wait Control
When accessing external space, the MCU can extend the bus cycle by inserting one or more wait
states (T
W). There are three ways of inserting wait states: program wait insertion, pin wait insertion
using the
WAIT pin, and a combination of the two.
Program Wait Mode: In program wait mode, the number of T
W states specified by bits WC1 and
WC0 are always inserted between the T
2 and T3 states when external space is accessed.
Pin Wait Mode: In pin wait mode, the number of T
W states specified by bits WC1 and WC0 are
always inserted between the T
2 and T3 states when external space is accessed. If the WAIT pin is
low at the fall of
φ in the last T
2 or TW state, another TW state is inserted. If the WAIT pin is held
low, T
W states are inserted until it goes high.
Pin wait mode is useful for inserting four or more wait states, or for changing the number of T
W
states for different external devices.
Pin Auto-Wait Mode: In pin auto-wait mode, if the
WAIT pin is low at the fall of φ in the T
2
state, the number of T
W states specified by bits WC1 and WC0 are inserted when external space is
accessed. No additional T
W states are inserted even if the WAIT pin remains low. Pin auto-wait
mode can be used for an easy interface to low-speed memory, simply by routing the chip select
signal to the
WAIT pin.
Figure 6.13 shows an example of wait state insertion timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com