Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 215Page - Renesas Technology Corp HD6432148SW Datasheet HTML 216Page - Renesas Technology Corp HD6432148SW Datasheet HTML 217Page - Renesas Technology Corp HD6432148SW Datasheet HTML 218Page - Renesas Technology Corp HD6432148SW Datasheet HTML 219Page - Renesas Technology Corp HD6432148SW Datasheet HTML 220Page - Renesas Technology Corp HD6432148SW Datasheet HTML 221Page - Renesas Technology Corp HD6432148SW Datasheet HTML 222Page - Renesas Technology Corp HD6432148SW Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 1177 page
background image
Section 6 Bus Controller
Rev. 4.00 Sep 27, 2006 page 175 of 1130
REJ09B0327-0400
6.5.3
Wait Control
As with the basic bus interface, either program wait insertion or pin wait insertion using the
WAIT
pin can be used in the initial cycle (full access) of the burst ROM interface. See section 6.4.5, Wait
Control.
Wait states cannot be inserted in a burst cycle.
6.6
Idle Cycle
6.6.1
Operation
When this LSI chip accesses external space, it can insert a 1-state idle cycle (T
I) between bus
cycles when a write cycle occurs immediately after a read cycle. By inserting an idle cycle it is
possible, for example, to avoid data collisions between ROM, with a long output floating time, and
high-speed memory, I/O interfaces, and so on.
If an external write occurs after an external read while the ICIS0 bit in BCR is set to 1, an idle
cycle is inserted at the start of the write cycle. This is enabled in advanced mode and normal
mode.
Figure 6.15 shows an example of the operation in this case. In this example, bus cycle A is a read
cycle from ROM with a long output floating time, and bus cycle B is a CPU write cycle. In (a), an
idle cycle is not inserted, and a collision occurs in cycle B between the read data from ROM and
the CPU write data. In (b), an idle cycle is inserted, and a data collision is prevented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com