Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 289Page - Renesas Technology Corp HD6432148SW Datasheet HTML 290Page - Renesas Technology Corp HD6432148SW Datasheet HTML 291Page - Renesas Technology Corp HD6432148SW Datasheet HTML 292Page - Renesas Technology Corp HD6432148SW Datasheet HTML 293Page - Renesas Technology Corp HD6432148SW Datasheet HTML 294Page - Renesas Technology Corp HD6432148SW Datasheet HTML 295Page - Renesas Technology Corp HD6432148SW Datasheet HTML 296Page - Renesas Technology Corp HD6432148SW Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 249 of 1130
REJ09B0327-0400
System Control Register 2 (SYSCR2) (H8S/2148 Group and H8S/2147N Only)
Bit
765
432
10
KWUL1
KWUL0
P6PUE
—
SDE
CS4E
CS3E
HI12E
Initial value
000
000
00
Read/Write
R/W
R/W
R/W
—
R/W
R/W
R/W
R/W
SYSCR2 is an 8-bit readable/writable register that controls port 6 input level selection and the
operation of host interface functions.
Only bits 7, 6, and 5 are described here. See section 18.2.2, System Control Register 2 (SYSCR2),
for information on bits 4 to 0.
SYSCR2 is initialized to H'00 by a reset and in hardware standby mode.
Bits 7 and 6—Key Wakeup Level 1 and 0 (KWUL1, KWUL0): The port 6 input level setting
can be changed by software, using these bits. The setting of these bits also changes the input level
of the pin functions multiplexed with port 6.
Bit 7
Bit 6
KWUL1
KWUL0
Description
0
0
Standard input level is selected as port 6 input level
(Initial value)
1
Input level 1 is selected as port 6 input level
1
0
Input level 2 is selected as port 6 input level
1
Input level 3 is selected as port 6 input level
Bit 5—Port 6 Input Pull-Up Extra (P6PUE): Controls and selects the current specification for
the port 6 MOS input pull-up function connected by means of KMPCR settings.
Bit 5
P6PUE
Description
0
Standard current specification is selected for port 6 MOS input pull-up function
(Initial value)
1
Current-limit specification is selected for port 6 MOS input pull-up function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com