Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 286Page - Renesas Technology Corp HD6432148SW Datasheet HTML 287Page - Renesas Technology Corp HD6432148SW Datasheet HTML 288Page - Renesas Technology Corp HD6432148SW Datasheet HTML 289Page - Renesas Technology Corp HD6432148SW Datasheet HTML 290Page - Renesas Technology Corp HD6432148SW Datasheet HTML 291Page - Renesas Technology Corp HD6432148SW Datasheet HTML 292Page - Renesas Technology Corp HD6432148SW Datasheet HTML 293Page - Renesas Technology Corp HD6432148SW Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 246 of 1130
REJ09B0327-0400
8.7
Port 6
8.7.1
Overview
Port 6 is an 8-bit I/O port. Port 6 pins also function as the 16-bit free-running timer (FRT) I/O pins
(FTOA, FTOB, FTIA to FTID, FTCI), timer X (TMRX) I/O pins (TMOX, TMIX) (H8S/2148
Group only), the timer Y (TMRY) input pin (TMIY), timer connection I/O pins (HFBACKI,
VSYNCI, VSYNCO, VFBACKI, CLAMPO) (H8S/2148 Group only), key-sense interrupt input
pins (
KIN7 to KIN0), expansion A/D converter input pins (CIN7 to CIN0), and external interrupt
input pins (
IRQ7, IRQ6). In the H8S/2148 Group and H8S/2147N, the port 6 input level can be
switched in four stages. Port 6 pin functions are the same in all operating modes.
Figure 8.14 shows the port 6 pin configuration.
P67 (I/O)/TMOX (Output)/
KIN7 (Input)/CIN7 (Input)/IRQ7 (Input)
P66 (I/O)/FTOB (Output)/
KIN6 (Input)/CIN6 (Input)/IRQ6 (Input)
P65 (I/O)/FTID (Input)/
KIN5 (Input)/CIN5 (Input)
P64 (I/O)/FTIC (Input)/
KIN4 (Input)/CIN4 (Input)/CLAMPO (Output)
P63 (I/O)/FTIB (Input)/
KIN3 (Input)/CIN3 (Input)/VFBACKI (Input)
P62 (I/O)/FTIA (Input)/
KIN2 (Input)/CIN2 (Input)/VSYNCI (Input)/TMIY (Input)
P61 (I/O)/FTOA (Output)/
KIN1 (Input)/CIN1 (Input)/VSYNCO (Output)
P60 (I/O)/FTCI (Input)/
KIN0 (Input)/CIN0 (Input)/HFBACKI (Input)/TMIX (Input)
Port 6
Port 6 pins
Figure 8.14 Port 6 Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com