Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 288 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 288 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 284Page - Renesas Technology Corp HD6432148SW Datasheet HTML 285Page - Renesas Technology Corp HD6432148SW Datasheet HTML 286Page - Renesas Technology Corp HD6432148SW Datasheet HTML 287Page - Renesas Technology Corp HD6432148SW Datasheet HTML 288Page - Renesas Technology Corp HD6432148SW Datasheet HTML 289Page - Renesas Technology Corp HD6432148SW Datasheet HTML 290Page - Renesas Technology Corp HD6432148SW Datasheet HTML 291Page - Renesas Technology Corp HD6432148SW Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 244 of 1130
REJ09B0327-0400
Port 5 Data Direction Register (P5DDR)
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
—
1
—
0
P50DDR
0
W
2
P52DDR
0
W
1
P51DDR
0
W
Bit
Initial value
Read/Write
P5DDR is an 8-bit write-only register, the individual bits of which specify input or output for the
pins of port 5. P5DDR cannot be read; if it is, an undefined value will be returned. Bits 7 to 3 are
reserved.
Setting a P5DDR bit to 1 makes the corresponding port 5 pin an output pin, while clearing the bit
to 0 makes the pin an input pin.
P5DDR is initialized to H'F8 by a reset and in hardware standby mode. It retains its prior state in
software standby mode. As SCI0 is initialized, the pin states are determined by the IIC0 ICCR,
P5DDR, and P5DR specifications.
Port 5 Data Register (P5DR)
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
—
1
—
0
P50DR
0
R/W
2
P52DR
0
R/W
1
P51DR
0
R/W
Bit
Initial value
Read/Write
P5DR is an 8-bit readable/writable register that stores output data for the port 5 pins (P52 to P50).
If a port 5 read is performed while P5DDR bits are set to 1, the P5DR values are read directly,
regardless of the actual pin states. If a port 5 read is performed while P5DDR bits are cleared to 0,
the pin states are read.
Bits 7 to 3 are reserved; they cannot be modified and are always read as 1.
P5DR is initialized to H'F8 by a reset and in hardware standby mode. It retains its prior state in
software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com