Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 280Page - Renesas Technology Corp HD6432148SW Datasheet HTML 281Page - Renesas Technology Corp HD6432148SW Datasheet HTML 282Page - Renesas Technology Corp HD6432148SW Datasheet HTML 283Page - Renesas Technology Corp HD6432148SW Datasheet HTML 284Page - Renesas Technology Corp HD6432148SW Datasheet HTML 285Page - Renesas Technology Corp HD6432148SW Datasheet HTML 286Page - Renesas Technology Corp HD6432148SW Datasheet HTML 287Page - Renesas Technology Corp HD6432148SW Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 240 of 1130
REJ09B0327-0400
(IrTxD, IrRxD), host interface output pins (HIRQ12, HIRQ1, HIRQ11), and the IIC1 I/O pin
(SDA1). The port 4 pin functions are shown in table 8.11.
Table 8.11
Port 4 Pin Functions
Pin
Selection Method and Pin Functions
P47/PWX1
The pin function is switched as shown below according to the combination of
bit OEB in DACR of 14-bit PWM, and bit P47DDR.
OEB
0
1
P47DDR
0
1
—
Pin function
P47 input pin
P47 output pin
PWX1 output pin
P46/PWX0
The pin function is switched as shown below according to the combination of
bit OEA in DACR of 14-bit PWM, and bit P46DDR.
OEA
0
1
P46DDR
0
1
—
Pin function
P46 input pin
P46 output pin
PWX0 output pin
P45/TMRI1/
HIRQ12/CSYNCI
The pin function is switched as shown below according to the combination of
the operating mode and bit P45DDR.
P45DDR
0
1
Operating
mode
—
Not slave mode
Slave mode
Pin function
P45 input pin
P45 output pin
HIRQ12 output pin
TMRI1 input pin, CSYNCI input pin
When bits CCLR1 and CCLR0 in TCR1 of TMR1 are set to 1, this pin is used
as the TMRI1 input pin. It can also be used as the CSYNCI input pin.
P44/TMO1/
HIRQ1/HSYNCO
The pin function is switched as shown below according to the combination of
the operating mode, bits OS3 to OS0 in TCSR of TMR1, bit HOE in TCONRO
of the timer connection function, and bit P44DDR.
HOE
0
1
OS3 to OS0
All 0
Not all 0
—
P44DDR
0
1
——
Operating
mode
—
Not slave
mode
Slave
mode
——
Pin function
P44
input pin
P44
output pin
HIRQ1
output pin
TMO1
output pin
HSYNCO
output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com