Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 279Page - Renesas Technology Corp HD6432148SW Datasheet HTML 280Page - Renesas Technology Corp HD6432148SW Datasheet HTML 281Page - Renesas Technology Corp HD6432148SW Datasheet HTML 282Page - Renesas Technology Corp HD6432148SW Datasheet HTML 283Page - Renesas Technology Corp HD6432148SW Datasheet HTML 284Page - Renesas Technology Corp HD6432148SW Datasheet HTML 285Page - Renesas Technology Corp HD6432148SW Datasheet HTML 286Page - Renesas Technology Corp HD6432148SW Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 239 of 1130
REJ09B0327-0400
Port 4 Data Direction Register (P4DDR)
7
P47DDR
0
W
6
P46DDR
0
W
5
P45DDR
0
W
4
P44DDR
0
W
3
P43DDR
0
W
0
P40DDR
0
W
2
P42DDR
0
W
1
P41DDR
0
W
Bit
Initial value
Read/Write
P4DDR is an 8-bit write-only register, the individual bits of which specify input or output for the
pins of port 4. P4DDR cannot be read; if it is, an undefined value will be returned.
When a bit in P4DDR is set to 1, the corresponding pin functions as an output port, and when
cleared to 0, as an input port.
P4DDR is initialized to H'00 by a reset and in hardware standby mode. It retains its prior state in
software standby mode. As 14-bit PWM and SCI2 are initialized in software standby mode, the
pin states are determined by the TMR0, TMR1, HIF, IIC1, P4DDR, and P4DR specifications.
Port 4 Data Register (P4DR)
7
P47DR
0
R/W
6
P46DR
0
R/W
5
P45DR
0
R/W
4
P44DR
0
R/W
3
P43DR
0
R/W
0
P40DR
0
R/W
2
P42DR
0
R/W
1
P41DR
0
R/W
Bit
Initial value
Read/Write
P4DR is an 8-bit readable/writable register that stores output data for the port 4 pins (P47 to P40).
If a port 4 read is performed while P4DDR bits are set to 1, the P4DR values are read directly,
regardless of the actual pin states. If a port 4 read is performed while P4DDR bits are cleared to 0,
the pin states are read.
P4DR is initialized to H'00 by a reset and in hardware standby mode. It retains its prior state in
software standby mode.
8.5.3
Pin Functions
Port 4 pins also function as 14-bit PWM output pins (PWX1, PWX0), 8-bit timer 0 and 1 (TMR0,
TMR1) I/O pins (TMCI0, TMRI0, TMO0, TMCI1, TMRI1, TMO1), timer connection I/O pins
(CSYNCI, HSYNCI, HSYNCO), SCI2 I/O pins (TxD2, RxD2, SCK2), IrDA interface I/O pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com