Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 278Page - Renesas Technology Corp HD6432148SW Datasheet HTML 279Page - Renesas Technology Corp HD6432148SW Datasheet HTML 280Page - Renesas Technology Corp HD6432148SW Datasheet HTML 281Page - Renesas Technology Corp HD6432148SW Datasheet HTML 282Page - Renesas Technology Corp HD6432148SW Datasheet HTML 283Page - Renesas Technology Corp HD6432148SW Datasheet HTML 284Page - Renesas Technology Corp HD6432148SW Datasheet HTML 285Page - Renesas Technology Corp HD6432148SW Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 238 of 1130
REJ09B0327-0400
8.5
Port 4
8.5.1
Overview
Port 4 is an 8-bit I/O port. Port 4 pins also function as 14-bit PWM output pins (PWX1, PWX0),
8-bit timer 0 and 1 (TMR0, TMR1) I/O pins (TMCI0, TMRI0, TMO0, TMCI1, TMRI1, TMO1),
timer connection I/O pins (CSYNCI, HSYNCI, HSYNCO) (H8S/2148 Group only), SCI2 I/O pins
(TxD2, RxD2, SCK2), IrDA interface I/O pins (IrTxD, IrRxD), host interface output pins
(HIRQ12, HIRQ1, HIRQ11) (H8S/2148 Group and H8S/2147N only), and the IIC1 I/O pin
(SDA1) (option in H8S/2148 Group and H8S/2147N only). Port 4 pin functions are the same in all
operating modes.
Figure 8.12 shows the port 4 pin configuration.
P47 (I/O)/PWX1 (Output)
P46 (I/O)/PWX0 (Output)
P45 (I/O)/TMRI1 (Input)/HIRQ12 (Output)/CSYNCI (Input)
P44 (I/O)/TMO1 (Output)/HIRQ1 (Output)/HSYNCO (Output)
P43 (I/O)/TMCI1 (Input)/HIRQ11 (Output)/HCYNCI (Input)
P42 (I/O)/TMRI0 (Input)/SCK2 (I/O)/SDA1 (I/O)
P41 (I/O)/TMO0 (Output)/RxD2 (Input)/IrRxD (Input)
P40 (I/O)/TMCI0 (Input)/TxD2 (Output)/IrTxD (Output)
Port 4
Port 4 pins
Figure 8.12 Port 4 Pin Functions
8.5.2
Register Configuration
Table 8.10 shows the port 4 register configuration.
Table 8.10
Port 4 Registers
Name
Abbreviation
R/W
Initial Value
Address*
Port 4 data direction register
P4DDR
W
H'00
H'FFB5
Port 4 data register
P4DR
R/W
H'00
H'FFB7
Note:
*
Lower 16 bits of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com