Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 278 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 278 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 274Page - Renesas Technology Corp HD6432148SW Datasheet HTML 275Page - Renesas Technology Corp HD6432148SW Datasheet HTML 276Page - Renesas Technology Corp HD6432148SW Datasheet HTML 277Page - Renesas Technology Corp HD6432148SW Datasheet HTML 278Page - Renesas Technology Corp HD6432148SW Datasheet HTML 279Page - Renesas Technology Corp HD6432148SW Datasheet HTML 280Page - Renesas Technology Corp HD6432148SW Datasheet HTML 281Page - Renesas Technology Corp HD6432148SW Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 234 of 1130
REJ09B0327-0400
8.4.2
Register Configuration
Table 8.8 shows the port 3 register configuration.
Table 8.8
Port 3 Registers
Name
Abbreviation
R/W
Initial Value
Address*
Port 3 data direction register
P3DDR
W
H'00
H'FFB4
Port 3 data register
P3DR
R/W
H'00
H'FFB6
Port 3 MOS pull-up control
register
P3PCR
R/W
H'00
H'FFAE
Note:
*
Lower 16 bits of the address.
Port 3 Data Direction Register (P3DDR)
7
P37DDR
0
W
6
P36DDR
0
W
5
P35DDR
0
W
4
P34DDR
0
W
3
P33DDR
0
W
0
P30DDR
0
W
2
P32DDR
0
W
1
P31DDR
0
W
Bit
Initial value
Read/Write
P3DDR is an 8-bit write-only register, the individual bits of which specify input or output for the
pins of port 3. P3DDR cannot be read; if it is, an undefined value will be returned.
P3DDR is initialized to H'00 by a reset and in hardware standby mode. It retains its prior state in
software standby mode.
• Modes 1, 2, and 3 (EXPE = 1)
The input/output direction specified by P3DDR is ignored, and pins automatically function as
data I/O pins.
After a reset, and in hardware standby mode or software standby mode, the data I/O pins go to
the high-impedance state.
• Modes 2 and 3 (EXPE = 0)
The corresponding port 3 pins are output ports when P3DDR bits are set to 1, and input ports
when cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com