Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 272Page - Renesas Technology Corp HD6432148SW Datasheet HTML 273Page - Renesas Technology Corp HD6432148SW Datasheet HTML 274Page - Renesas Technology Corp HD6432148SW Datasheet HTML 275Page - Renesas Technology Corp HD6432148SW Datasheet HTML 276Page - Renesas Technology Corp HD6432148SW Datasheet HTML 277Page - Renesas Technology Corp HD6432148SW Datasheet HTML 278Page - Renesas Technology Corp HD6432148SW Datasheet HTML 279Page - Renesas Technology Corp HD6432148SW Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 232 of 1130
REJ09B0327-0400
8.3.4
MOS Input Pull-Up Function
Port 2 has a built-in MOS input pull-up function that can be controlled by software. This MOS
input pull-up function can be used in modes 2 and 3, and can be specified as on or off on a bit-by-
bit basis.
When a P2DDR bit is cleared to 0 in mode 2 or 3, setting the corresponding P2PCR bit to 1 turns
on the MOS input pull-up for that pin.
The MOS input pull-up function is in the off state after a reset and in hardware standby mode. The
prior state is retained in software standby mode.
Table 8.7 summarizes the MOS input pull-up states.
Table 8.7
MOS Input Pull-Up States (Port 2)
Mode
Reset
Hardware
Standby Mode
Software
Standby Mode
In Other
Operations
1
Off
Off
Off
Off
2, 3
Off
Off
On/Off
On/Off
Legend:
Off:
MOS input pull-up is always off.
On/Off: On when P2DDR = 0 and P2PCR = 1; otherwise off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com