Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 270Page - Renesas Technology Corp HD6432148SW Datasheet HTML 271Page - Renesas Technology Corp HD6432148SW Datasheet HTML 272Page - Renesas Technology Corp HD6432148SW Datasheet HTML 273Page - Renesas Technology Corp HD6432148SW Datasheet HTML 274Page - Renesas Technology Corp HD6432148SW Datasheet HTML 275Page - Renesas Technology Corp HD6432148SW Datasheet HTML 276Page - Renesas Technology Corp HD6432148SW Datasheet HTML 277Page - Renesas Technology Corp HD6432148SW Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 230 of 1130
REJ09B0327-0400
8.3.3
Pin Functions in Each Mode
Mode 1
In mode 1, port 2 pins automatically function as address outputs. The port 2 pin functions are
shown in figure 8.6.
A15 (Output)
A14 (Output)
A13 (Output)
A12 (Output)
A11 (Output)
A10 (Output)
A9 (Output)
A8 (Output)
Port 2
Figure 8.6 Port 2 Pin Functions (Mode 1)
Modes 2 and 3 (EXPE = 1)
In modes 2 and 3 (when EXPE = 1), port 2 pins function as address outputs, PWM outputs, or I/O
ports, and input or output can be specified on a bit-by-bit basis. When a bit in P2DDR is set to 1,
the corresponding pin functions as an address output or PWM output, and when cleared to 0, as an
input port. P27 to P24 are switched from address outputs to output ports by setting the IOSE bit to
1. P27 can be used as an on-chip supporting module output pin regardless of the P27DDR setting,
but to ensure normal access to external space, P27 should not be set as an on-chip supporting
module output pin when port 2 pins are used as address output pins.
The port 2 pin functions are shown in figure 8.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com