Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 281Page - Renesas Technology Corp HD6432148SW Datasheet HTML 282Page - Renesas Technology Corp HD6432148SW Datasheet HTML 283Page - Renesas Technology Corp HD6432148SW Datasheet HTML 284Page - Renesas Technology Corp HD6432148SW Datasheet HTML 285Page - Renesas Technology Corp HD6432148SW Datasheet HTML 286Page - Renesas Technology Corp HD6432148SW Datasheet HTML 287Page - Renesas Technology Corp HD6432148SW Datasheet HTML 288Page - Renesas Technology Corp HD6432148SW Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 241 of 1130
REJ09B0327-0400
Pin
Selection Method and Pin Functions
P43/TMCI1/
HIRQ11/HSYNCI
The pin function is switched as shown below according to the combination of
the operating mode and bit P43DDR.
P43DDR
0
1
Operating
mode
—
Not slave mode
Slave mode
Pin function
P43 input pin
P43 output pin
HIRQ11 output pin
TMCI1 input pin, HSYNCI input pin
When an external clock is selected with bits CKS2 to CKS0 in TCR1 of TMR1,
this pin is used as the TMCI1 input pin. It can also be used as the HSYNCI
input pin.
P42/TMRI0/
SCK2/SDA1
The pin function is switched as shown below according to the combination of
bit ICE in ICCR of IIC1, bits CKE1 and CKE0 in SCR of SCI2, bit C/
A in SMR
of SCI2, and bit P42DDR.
ICE
0
1
CKE1
0
1
0
C/
A
01
—
0
CKE0
0
1
——
0
P42DDR
0
1
———
—
Pin function
P42
input pin
P42
output pin
SCK2
output pin
SCK2
output pin
SCK2
input pin
SDA1
I/O pin
TMRI0 input pin
When this pin is used as the SDA1 I/O pin, bits CKE1 and CKE0 in SCR of
SCI2 and bit C/
A in SMR of SCI2 must all be cleared to 0. SDA1 is an NMOS-
only output, and has direct bus drive capability.
When bits CCLR1 and CCLR0 in TCR0 of TMR0 are set to 1, this pin is used
as the TMRI0 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com