Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 401 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 401 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 397Page - Renesas Technology Corp HD6432147SW Datasheet HTML 398Page - Renesas Technology Corp HD6432147SW Datasheet HTML 399Page - Renesas Technology Corp HD6432147SW Datasheet HTML 400Page - Renesas Technology Corp HD6432147SW Datasheet HTML 401Page - Renesas Technology Corp HD6432147SW Datasheet HTML 402Page - Renesas Technology Corp HD6432147SW Datasheet HTML 403Page - Renesas Technology Corp HD6432147SW Datasheet HTML 404Page - Renesas Technology Corp HD6432147SW Datasheet HTML 405Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 1177 page
background image
Section 12 8-Bit Timers
Rev. 4.00 Sep 27, 2006 page 357 of 1130
REJ09B0327-0400
12.2.7
System Control Register (SYSCR)
7
CS2E
0
R/W
6
IOSE
0
R/W
5
INTM1
0
R
4
INTM0
0
R/W
3
XRST
1
R
0
RAME
1
R/W
2
NMIEG
0
R/W
1
HIE
0
R/W
Bit
Initial value
Read/Write
Only bit 1 is described here. For details on functions not related to the 8-bit timers, see sections
3.2.2 and 5.2.1, System Control Register (SYSCR), and the descriptions of the relevant modules.
Bit 1—Host Interface Enable (HIE): Controls CPU access to 8-bit timer (channel X and Y) data
registers and control registers, and timer connection control registers.
Bit 1
HIE
Description
0
CPU access to 8-bit timer (channel X and Y) data registers and control registers, and
timer connection control registers, is enabled
(Initial value)
1
CPU access to 8-bit timer (channel X and Y) data registers and control registers, and
timer connection control registers, is disabled
12.2.8
Timer Connection Register S (TCONRS)
7
TMRX/Y
0
R/W
6
ISGENE
0
R/W
5
HOMOD1
0
R/W
4
HOMOD0
0
R/W
3
VOMOD1
0
R/W
0
CLMOD0
0
R/W
2
VOMOD0
0
R/W
1
CLMOD1
0
R/W
Bit
Initial value
Read/Write
TCONRS is an 8-bit readable/writable register that controls access to the TMRX and TMRY
registers and timer connection operation.
TCONRS is initialized to H'00 by a reset and in hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com