Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 398 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 398 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 394Page - Renesas Technology Corp HD6432147SW Datasheet HTML 395Page - Renesas Technology Corp HD6432147SW Datasheet HTML 396Page - Renesas Technology Corp HD6432147SW Datasheet HTML 397Page - Renesas Technology Corp HD6432147SW Datasheet HTML 398Page - Renesas Technology Corp HD6432147SW Datasheet HTML 399Page - Renesas Technology Corp HD6432147SW Datasheet HTML 400Page - Renesas Technology Corp HD6432147SW Datasheet HTML 401Page - Renesas Technology Corp HD6432147SW Datasheet HTML 402Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 1177 page
background image
Section 12 8-Bit Timers
Rev. 4.00 Sep 27, 2006 page 354 of 1130
REJ09B0327-0400
TCSR0
Bit 4—A/D Trigger Enable (ADTE): Enables or disables A/D converter start requests by
compare-match A.
Bit 4
ADTE
Description
0
A/D converter start requests by compare-match A are disabled
(Initial value)
1
A/D converter start requests by compare-match A are enabled
TCSR1
Bit 4—Reserved: This bit cannot be modified and is always read as 1.
TCSRX
Bit 4—Input Capture Flag (ICF): Status flag that indicates detection of a rising edge followed
by a falling edge in the external reset signal after the ICST bit in TCONRI has been set to 1.
Bit 4
ICF
Description
0
[Clearing condition]
Read ICF when ICF = 1, then write 0 in ICF
(Initial value)
1
[Setting condition]
When a rising edge followed by a falling edge is detected in the external reset signal
after the ICST bit in TCONRI has been set to 1
TCSRY
Bit 4—Input Capture Interrupt Enable (ICIE): Selects enabling or disabling of the interrupt
request by ICF (ICIX) when the ICF bit in TCSRX is set to 1.
Bit 4
ICIE
Description
0
Interrupt request by ICF (ICIX) is disabled
(Initial value)
1
Interrupt request by ICF (ICIX) is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com