Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 395 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 395 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 391Page - Renesas Technology Corp HD6432147SW Datasheet HTML 392Page - Renesas Technology Corp HD6432147SW Datasheet HTML 393Page - Renesas Technology Corp HD6432147SW Datasheet HTML 394Page - Renesas Technology Corp HD6432147SW Datasheet HTML 395Page - Renesas Technology Corp HD6432147SW Datasheet HTML 396Page - Renesas Technology Corp HD6432147SW Datasheet HTML 397Page - Renesas Technology Corp HD6432147SW Datasheet HTML 398Page - Renesas Technology Corp HD6432147SW Datasheet HTML 399Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 1177 page
background image
Section 12 8-Bit Timers
Rev. 4.00 Sep 27, 2006 page 351 of 1130
REJ09B0327-0400
TCR
STCR
Bit 2 Bit 1 Bit 0
Bit 1
Bit 0
Channel CKS2 CKS1 CKS0 ICKS1 ICKS0 Description
X
0
0
0
—
—
Clock input disabled
(Initial value)
0
0
1
—
—
Counted on
φ internal clock source
010
—
—
φ/2 internal clock source, counted on the falling edge
011
—
—
φ/4 internal clock source, counted on the falling edge
1
0
0
—
—
Clock input disabled
Y
0
0
0
—
—
Clock input disabled
(Initial value)
001
—
—
φ/4 internal clock source, counted on the falling edge
010
—
—
φ/256 internal clock source, counted on the falling
edge
011
—
—
φ/2048 internal clock source, counted on the falling
edge
1
0
0
—
—
Clock input disabled
Common 1
0
1
—
—
External clock source, counted at rising edge
1
1
0
—
—
External clock source, counted at falling edge
1
1
1
—
—
External clock source, counted at both rising and
falling edges
Note:
*
If the count input of channel 0 is the TCNT1 overflow signal and that of channel 1 is the
TCNT0 compare-match signal, no incrementing clock will be generated. Do not use this
setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com