Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 394 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 394 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 390Page - Renesas Technology Corp HD6432147SW Datasheet HTML 391Page - Renesas Technology Corp HD6432147SW Datasheet HTML 392Page - Renesas Technology Corp HD6432147SW Datasheet HTML 393Page - Renesas Technology Corp HD6432147SW Datasheet HTML 394Page - Renesas Technology Corp HD6432147SW Datasheet HTML 395Page - Renesas Technology Corp HD6432147SW Datasheet HTML 396Page - Renesas Technology Corp HD6432147SW Datasheet HTML 397Page - Renesas Technology Corp HD6432147SW Datasheet HTML 398Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 1177 page
background image
Section 12 8-Bit Timers
Rev. 4.00 Sep 27, 2006 page 350 of 1130
REJ09B0327-0400
Bits 2 to 0—Clock Select 2 to 0 (CKS2 to CKS0): These bits select whether the clock input to
TCNT is an internal or external clock.
The input clock can be selected from either six or three clocks, all divided from the system clock
(
φ). The falling edge of the selected internal clock triggers the count.
When use of an external clock is selected, three types of count can be selected: at the rising edge,
the falling edge, and both rising and falling edges.
Some functions differ between channel 0 and channel 1, because of the cascading function.
TCR
STCR
Bit 2 Bit 1 Bit 0
Bit 1
Bit 0
Channel CKS2 CKS1 CKS0 ICKS1 ICKS0 Description
0
0
0
0
—
—
Clock input disabled
(Initial value)
001
—
0
φ/8 internal clock source, counted on the falling edge
001
—
1
φ/2 internal clock source, counted on the falling edge
010
—
0
φ/64 internal clock source, counted on the falling
edge
010
—
1
φ/32 internal clock source, counted on the falling
edge
011
—
0
φ/1024 internal clock source, counted on the falling
edge
011
—
1
φ/256 internal clock source, counted on the falling
edge
1
0
0
—
—
Counted on TCNT1 overflow signal*
1
0
0
0
—
—
Clock input disabled
(Initial value)
001
0
—
φ/8 internal clock source, counted on the falling edge
001
1
—
φ/2 internal clock source, counted on the falling edge
010
0
—
φ/64 internal clock source, counted on the falling
edge
010
1
—
φ/128 internal clock source, counted on the falling
edge
011
0
—
φ/1024 internal clock source, counted on the falling
edge
011
1
—
φ/2048 internal clock source, counted on the falling
edge
1
0
0
—
—
Counted on TCNT0 compare-match A*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com