Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 408 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 408 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 404Page - Renesas Technology Corp HD6432147SW Datasheet HTML 405Page - Renesas Technology Corp HD6432147SW Datasheet HTML 406Page - Renesas Technology Corp HD6432147SW Datasheet HTML 407Page - Renesas Technology Corp HD6432147SW Datasheet HTML 408Page - Renesas Technology Corp HD6432147SW Datasheet HTML 409Page - Renesas Technology Corp HD6432147SW Datasheet HTML 410Page - Renesas Technology Corp HD6432147SW Datasheet HTML 411Page - Renesas Technology Corp HD6432147SW Datasheet HTML 412Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 1177 page
background image
Section 12 8-Bit Timers
Rev. 4.00 Sep 27, 2006 page 364 of 1130
REJ09B0327-0400
Timer Output Timing
When compare-match A or B occurs, the timer output changes as specified by the output select
bits (OS3 to OS0) in TCSR. Depending on these bits, the output can remain the same, be set to 0,
be set to 1, or toggle.
Figure 12.5 shows the timing when the output is set to toggle at compare-match A.
φ
Compare-match A
signal
Timer output
pin
Figure 12.5 Timing of Timer Output
Timing of Compare-Match Clear
TCNT is cleared when compare-match A or B occurs, depending on the setting of the CCLR1 and
CCLR0 bits in TCR. Figure 12.6 shows the timing of this operation.
φ
N
H'00
Compare-match
signal
TCNT
Figure 12.6 Timing of Compare-Match Clear
12.3.3
TCNT External Reset Timing
TCNT is cleared at the rising edge of an external reset input, depending on the settings of the
CCLR1 and CCLR0 bits in TCR. The width of the clearing pulse must be at least 1.5 states. Figure
12.7 shows the timing of this operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com