Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 411 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 407Page - Renesas Technology Corp HD6432147SW Datasheet HTML 408Page - Renesas Technology Corp HD6432147SW Datasheet HTML 409Page - Renesas Technology Corp HD6432147SW Datasheet HTML 410Page - Renesas Technology Corp HD6432147SW Datasheet HTML 411Page - Renesas Technology Corp HD6432147SW Datasheet HTML 412Page - Renesas Technology Corp HD6432147SW Datasheet HTML 413Page - Renesas Technology Corp HD6432147SW Datasheet HTML 414Page - Renesas Technology Corp HD6432147SW Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 1177 page
background image
Section 12 8-Bit Timers
Rev. 4.00 Sep 27, 2006 page 367 of 1130
REJ09B0327-0400
12.3.6
Input Capture Operation
TMRX has input capture registers of TICR, TICRR, and TICRF. Narrow pulse width can be
measured with TICRR and TICRF, using one capture operation controlled by the ICST bit in the
TCONRI register of the timer connection. When TMRIX detects a rising and falling edge
successively after the ICST bit has been set to 1, the values of TCNT at that time are transferred to
TICRR and TICRF and ICST bit is cleared to 0.
The TMRIX input signal can be selected by setting other bits in the TCONRI register.
(1) Input capture input timing
Figure 12.9 shows the timing of the input capture operation.
φ
Input capture
signal
TMRIX
TCNTX
TICRR
TICRF
nn
M
mm
n + 1
N
N +1
n
N
Figure 12.9 Timing of Input Capture Operation
If the input capture signal enters while TICRR and TICRF are being read, it is internally delayed
one system clock (
φ) period. Figure 12.10 shows the timing of this operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com