Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 418 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 418 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 414Page - Renesas Technology Corp HD6432147SW Datasheet HTML 415Page - Renesas Technology Corp HD6432147SW Datasheet HTML 416Page - Renesas Technology Corp HD6432147SW Datasheet HTML 417Page - Renesas Technology Corp HD6432147SW Datasheet HTML 418Page - Renesas Technology Corp HD6432147SW Datasheet HTML 419Page - Renesas Technology Corp HD6432147SW Datasheet HTML 420Page - Renesas Technology Corp HD6432147SW Datasheet HTML 421Page - Renesas Technology Corp HD6432147SW Datasheet HTML 422Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 1177 page
background image
Section 12 8-Bit Timers
Rev. 4.00 Sep 27, 2006 page 374 of 1130
REJ09B0327-0400
12.6.4
Contention between Compare-Matches A and B
If compare-matches A and B occur at the same time, the 8-bit timer operates in accordance with
the priorities for the output states set for compare-match A and compare-match B, as shown in
table 12.7.
Table 12.7
Timer Output Priorities
Output Setting
Priority
Toggle output
High
1 output
0 output
No change
Low
12.6.5
Switching of Internal Clocks and TCNT Operation
TCNT may increment erroneously when the internal clock is switched over. Table 12.8 shows the
relationship between the timing at which the internal clock is switched (by writing to the CKS1
and CKS0 bits) and the TCNT operation
When the TCNT clock is generated from an internal clock, the falling edge of the internal clock
pulse is detected. If clock switching causes a change from high to low level, as shown in no. 3 in
table 12.8, a TCNT clock pulse is generated on the assumption that the switchover is a falling
edge. This increments TCNT.
Erroneous incrementation can also happen when switching between internal and external clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com