Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 417Page - Renesas Technology Corp HD6432147SW Datasheet HTML 418Page - Renesas Technology Corp HD6432147SW Datasheet HTML 419Page - Renesas Technology Corp HD6432147SW Datasheet HTML 420Page - Renesas Technology Corp HD6432147SW Datasheet HTML 421Page - Renesas Technology Corp HD6432147SW Datasheet HTML 422Page - Renesas Technology Corp HD6432147SW Datasheet HTML 423Page - Renesas Technology Corp HD6432147SW Datasheet HTML 424Page - Renesas Technology Corp HD6432147SW Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 1177 page
background image
Section 13 Timer Connection
Rev. 4.00 Sep 27, 2006 page 377 of 1130
REJ09B0327-0400
Section 13 Timer Connection
Provided in the H8S/2148 Group; not provided in the H8S/2144 Group and H8S/2147N.
13.1
Overview
The H8S/2148 Group allows interconnection between a combination of input signals, the
input/output of the single free-running timer (FRT) channel and the three 8-bit timer channels
(TMR1, TMRX, and TMRY). This capability can be used to implement complex functions such as
PWM decoding and clamp waveform output. All the timers are initially set for independent
operation.
13.1.1
Features
The features of the timer connection facility are as follows.
• Five input pins and four output pins, all of which can be designated for phase inversion.
Positive logic is assumed for all signals used within the timer connection facility.
• An edge-detection circuit is connected to the input pins, simplifying signal input detection.
• TMRX can be used for PWM input signal decoding and clamp waveform generation.
• An external clock signal divided by TMR1 can be used as the FRT capture input signal.
• An internal synchronization signal can be generated using the FRT and TMRY.
• A signal generated/modified using an input signal and timer connection can be selected and
output.
13.1.2
Block Diagram
Figure 13.1 shows a block diagram of the timer connection facility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com