Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 424 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 424 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 420Page - Renesas Technology Corp HD6432147SW Datasheet HTML 421Page - Renesas Technology Corp HD6432147SW Datasheet HTML 422Page - Renesas Technology Corp HD6432147SW Datasheet HTML 423Page - Renesas Technology Corp HD6432147SW Datasheet HTML 424Page - Renesas Technology Corp HD6432147SW Datasheet HTML 425Page - Renesas Technology Corp HD6432147SW Datasheet HTML 426Page - Renesas Technology Corp HD6432147SW Datasheet HTML 427Page - Renesas Technology Corp HD6432147SW Datasheet HTML 428Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 1177 page
background image
Section 13 Timer Connection
Rev. 4.00 Sep 27, 2006 page 380 of 1130
REJ09B0327-0400
13.1.4
Register Configuration
Table 13.2 lists the timer connection registers. Timer connection registers can only be accessed
when the HIE bit in SYSCR is 0.
Table 13.2
Register Configuration
Name
Abbreviation
R/W
Initial Value
Address*
1
Timer connection register I
TCONRI
R/W
H'00
H'FFFC
Timer connection register O
TCONRO
R/W
H'00
H'FFFD
Timer connection register S
TCONRS
R/W
H'00
H'FFFE
Edge sense register
SEDGR
R/(W)*
2
H'00*
3
H'FFFF
Module stop control register
MSTPRH
R/W
H'3F
H'FF86
MSTPRL
R/W
H'FF
H'FF87
Notes: 1. Lower 16 bits of the address.
2. Bits 7 to 2: Only 0 can be written to clear the flags.
3. Bits 1 and 0: Undefined (reflect the pin states).
13.2
Register Descriptions
13.2.1
Timer Connection Register I (TCONRI)
Bit
Initial value
Read/Write
7
SIMOD1
0
R/W
6
SIMOD0
0
R/W
5
SCONE
0
R/W
4
ICST
0
R/W
3
HFINV
0
R/W
0
VIINV
0
R/W
2
VFINV
0
R/W
1
HIINV
0
R/W
TCONRI is an 8-bit readable/writable register that controls connection between timers, the signal
source for synchronization signal input, phase inversion, etc.
TCONR1 is initialized to H'00 by a reset and in hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com