Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 429 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 429 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 425Page - Renesas Technology Corp HD6432147SW Datasheet HTML 426Page - Renesas Technology Corp HD6432147SW Datasheet HTML 427Page - Renesas Technology Corp HD6432147SW Datasheet HTML 428Page - Renesas Technology Corp HD6432147SW Datasheet HTML 429Page - Renesas Technology Corp HD6432147SW Datasheet HTML 430Page - Renesas Technology Corp HD6432147SW Datasheet HTML 431Page - Renesas Technology Corp HD6432147SW Datasheet HTML 432Page - Renesas Technology Corp HD6432147SW Datasheet HTML 433Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 1177 page
background image
Section 13 Timer Connection
Rev. 4.00 Sep 27, 2006 page 385 of 1130
REJ09B0327-0400
Bit 0
CBOINV
Description
0
The CBLANK signal is used directly as the CBLANK output
(Initial value)
1
The CBLANK signal is inverted before use as the CBLANK output
13.2.3
Timer Connection Register S (TCONRS)
Bit
Initial value
Read/Write
7
TMRX/Y
0
R/W
6
ISGENE
0
R/W
5
HOMOD1
0
R/W
4
HOMOD0
0
R/W
3
VOMOD1
0
R/W
0
CLMOD0
0
R/W
2
VOMOD0
0
R/W
1
CLMOD1
0
R/W
TCONRS is an 8-bit readable/writable register that selects 8-bit timer TMRX/TMRY access and
the synchronization signal output signal source and generation method.
TCONRS is initialized to H'00 by a reset and in hardware standby mode.
Bit 7—TMRX/TMRY Access Select (TMRX/Y): The TMRX and TMRY registers can only be
accessed when the HIE bit in SYSCR is cleared to 0. In the H8S/2148 Group, some of the TMRX
registers and the TMRY registers are assigned to the same memory space addresses (H'FFF0 to
H'FFF5), and the TMRX/Y bit determines which registers are accessed. In the H8S/2144 Group
and H8S/2147N, there is no control of TMRY register access by this bit.
Bit 7
TMRX/Y
Description
0
The TMRX registers are accessed at addresses H'FFF0 to H'FFF5
(Initial value)
1
The TMRY registers are accessed at addresses H'FFF0 to H'FFF5
Bit 6—Internal Synchronization Signal Select (ISGENE): Selects internal synchronization
signals (IHG, IVG, and CL4 signals) as the signal sources for the IHO, IVO, and CLO signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com