Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 433 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 433 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 429Page - Renesas Technology Corp HD6432147SW Datasheet HTML 430Page - Renesas Technology Corp HD6432147SW Datasheet HTML 431Page - Renesas Technology Corp HD6432147SW Datasheet HTML 432Page - Renesas Technology Corp HD6432147SW Datasheet HTML 433Page - Renesas Technology Corp HD6432147SW Datasheet HTML 434Page - Renesas Technology Corp HD6432147SW Datasheet HTML 435Page - Renesas Technology Corp HD6432147SW Datasheet HTML 436Page - Renesas Technology Corp HD6432147SW Datasheet HTML 437Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 1177 page
background image
Section 13 Timer Connection
Rev. 4.00 Sep 27, 2006 page 389 of 1130
REJ09B0327-0400
Bit 3—VFBACKI Edge (VFEDG): Detects a rising edge on the VFBACKI pin.
Bit 3
VFEDG
Description
0
[Clearing condition]
When 0 is written in VFEDG after reading VFEDG = 1
(Initial value)
1
[Setting condition]
When a rising edge is detected on the VFBACKI pin
Bit 2—Pre-Equalization Flag (PREQF): Detects the occurrence of an IHI signal 2fH
modification condition. The generation of a falling/rising edge in the IHI signal during a mask
interval is expressed as the occurrence of a 2fH modification condition. For details, see section
13.3.4, IHI Signal 2fH Modification.
Bit 2
PREQF
Description
0
[Clearing condition]
When 0 is written in PREQF after reading PREQF = 1
(Initial value)
1
[Setting condition]
When an IHI signal 2fH modification condition is detected
Bit 1—IHI Signal Level (IHI): Indicates the current level of the IHI signal. Signal source and
phase inversion selection for the IHI signal depends on the contents of TCONRI. Read this bit to
determine whether the input signal is positive or negative, then maintain the IHI signal at positive
phase by modifying TCONRI.
Bit 1
IHI
Description
0
The IHI signal is low
1
The IHI signal is high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com