Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 434 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 434 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 430Page - Renesas Technology Corp HD6432147SW Datasheet HTML 431Page - Renesas Technology Corp HD6432147SW Datasheet HTML 432Page - Renesas Technology Corp HD6432147SW Datasheet HTML 433Page - Renesas Technology Corp HD6432147SW Datasheet HTML 434Page - Renesas Technology Corp HD6432147SW Datasheet HTML 435Page - Renesas Technology Corp HD6432147SW Datasheet HTML 436Page - Renesas Technology Corp HD6432147SW Datasheet HTML 437Page - Renesas Technology Corp HD6432147SW Datasheet HTML 438Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 1177 page
background image
Section 13 Timer Connection
Rev. 4.00 Sep 27, 2006 page 390 of 1130
REJ09B0327-0400
Bit 0—IVI Signal Level (IVI): Indicates the current level of the IVI signal. Signal source and
phase inversion selection for the IVI signal depends on the contents of TCONRI. Read this bit to
determine whether the input signal is positive or negative, then maintain the IVI signal at positive
phase by modifying TCONRI.
Bit 0
IVI
Description
0
The IVI signal is low
1
The IVI signal is high
13.2.5
Module Stop Control Register (MSTPCR)
7
MSTP15
0
R/W
Bit
Initial value
Read/Write
6
MSTP14
0
R/W
5
MSTP13
1
R/W
4
MSTP12
1
R/W
3
MSTP11
1
R/W
2
MSTP10
1
R/W
1
MSTP9
1
R/W
0
MSTP8
1
R/W
7
MSTP7
1
R/W
6
MSTP6
1
R/W
5
MSTP5
1
R/W
4
MSTP4
1
R/W
3
MSTP3
1
R/W
2
MSTP2
1
R/W
1
MSTP1
1
R/W
0
MSTP0
1
R/W
MSTPCRH
MSTPCRL
MSTPCR, comprising two 8-bit readable/writable registers, performs module stop mode control.
When the MSTP13, MSTP12, and MSTP8 bits are set to 1, the 16-bit free-running timer, 8-bit
timer channels 0 and 1, and 8-bit timer channels X and Y and timer connection, respectively, halt
and enter module stop mode. See section 25.5., Module Stop Mode, for details.
MSTPCR is initialized to H'3FFF by a reset and in hardware standby mode. It is not initialized in
software standby mode.
MSTPCRH Bit 5—Module Stop (MSTP13): Specifies FRT module stop mode.
MSTPCRH
Bit 5
MSTP13
Description
0
FRT module stop mode is cleared
1
FRT module stop mode is set
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com