Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 451 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 451 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 447Page - Renesas Technology Corp HD6432147SW Datasheet HTML 448Page - Renesas Technology Corp HD6432147SW Datasheet HTML 449Page - Renesas Technology Corp HD6432147SW Datasheet HTML 450Page - Renesas Technology Corp HD6432147SW Datasheet HTML 451Page - Renesas Technology Corp HD6432147SW Datasheet HTML 452Page - Renesas Technology Corp HD6432147SW Datasheet HTML 453Page - Renesas Technology Corp HD6432147SW Datasheet HTML 454Page - Renesas Technology Corp HD6432147SW Datasheet HTML 455Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 1177 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 4.00 Sep 27, 2006 page 407 of 1130
REJ09B0327-0400
Section 14 Watchdog Timer (WDT)
14.1
Overview
This LSI have an on-chip watchdog timer with two channels (WDT0, WDT1) for monitoring
system operation. The WDT outputs an overflow signal (
RESO) if a system crash prevents the
CPU from writing to the timer counter, allowing it to overflow. At the same time, the WDT can
also generate an internal reset signal or internal NMI interrupt signal.
When this watchdog function is not needed, the WDT can be used as an interval timer. In interval
timer mode, an interval timer interrupt is generated each time the counter overflows.
14.1.1
Features
WDT features are listed below.
• Switchable between watchdog timer mode and interval timer mode
• Internal reset or internal interrupt generated when the timer counter overflows
 WOVI interrupt generation in interval timer mode
 Choice of internal reset or NMI interrupt generation in watchdog timer mode
• RESO output in watchdog timer mode
 In watchdog timer mode, a low-level signal is output from the RESO pin when the counter
overflows (when internal reset is selected)
• Choice of 8 (WDT0) or 16 (WDT1) counter input clocks
 Maximum WDT interval: system clock period × 131072 × 256
 Subclock can be selected for the WDT1 input counter
Maximum interval when the subclock is selected: subclock period
× 256 × 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com