Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 454 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 454 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 450Page - Renesas Technology Corp HD6432147SW Datasheet HTML 451Page - Renesas Technology Corp HD6432147SW Datasheet HTML 452Page - Renesas Technology Corp HD6432147SW Datasheet HTML 453Page - Renesas Technology Corp HD6432147SW Datasheet HTML 454Page - Renesas Technology Corp HD6432147SW Datasheet HTML 455Page - Renesas Technology Corp HD6432147SW Datasheet HTML 456Page - Renesas Technology Corp HD6432147SW Datasheet HTML 457Page - Renesas Technology Corp HD6432147SW Datasheet HTML 458Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 1177 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 4.00 Sep 27, 2006 page 410 of 1130
REJ09B0327-0400
14.1.4
Register Configuration
The WDT has four registers, as summarized in table 14.2. These registers control clock selection,
WDT mode switching, the reset signal, etc.
Table 14.2
WDT Registers
Address*
1
Channel
Name
Abbreviation
R/W
Initial Value
Write*
2
Read
0
Timer control/status
register 0
TCSR0
R/(W)*
3
H'00
H'FFA8
H'FFA8
Timer counter 0
TCNT0
R/W
H'00
H'FFA8
H'FFA9
1
Timer control/status
register 1
TCSR1
R/(W)*
3
H'00
H'FFEA
H'FFEA
Timer counter 1
TCNT1
R/W
H'00
H'FFEA
H'FFEB
Common
System control
register
SYSCR
R/W
H'09
H'FFC4
H'FFC4
Notes: 1. Lower 16 bits of the address.
2. For details of write operations, see section 14.2.4, Notes on Register Access.
3. Only 0 can be written in bit 7, to clear the flag.
14.2
Register Descriptions
14.2.1
Timer Counter (TCNT)
7
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
0
0
R/W
2
0
R/W
1
0
R/W
Bit
Initial value
Read/Write
TCNT is an 8-bit readable/writable* up-counter.
When the TME bit is set to 1 in TCSR, TCNT starts counting pulses generated from the internal
clock source selected by bits CKS2 to CKS0 in TCSR. When the count overflows (changes from
H'FF to H'00), the OVF flag in TCSR is set to 1. Watchdog timer overflow signal (
RESO) output,
an internal reset, NMI interrupt, interval timer interrupt (WOVI), etc., can be generated, depending
on the mode selected by the WT/
IT bit and RST/NMI bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com