Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 457 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 457 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 453Page - Renesas Technology Corp HD6432147SW Datasheet HTML 454Page - Renesas Technology Corp HD6432147SW Datasheet HTML 455Page - Renesas Technology Corp HD6432147SW Datasheet HTML 456Page - Renesas Technology Corp HD6432147SW Datasheet HTML 457Page - Renesas Technology Corp HD6432147SW Datasheet HTML 458Page - Renesas Technology Corp HD6432147SW Datasheet HTML 459Page - Renesas Technology Corp HD6432147SW Datasheet HTML 460Page - Renesas Technology Corp HD6432147SW Datasheet HTML 461Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 1177 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 4.00 Sep 27, 2006 page 413 of 1130
REJ09B0327-0400
TCSR0 Bit 4—Reset Select (RSTS): Reserved. This bit should not be set to 1.
TCSR1 Bit 4—Prescaler Select (PSS): Selects the input clock source for TCNT in WDT1. For
details, see the description of the CKS2 to CKS0 bits below.
WDT1 TCSR
Bit 4
PSS
Description
0
TCNT counts
φ-based prescaler (PSM) divided clock pulses
(Initial value)
1
TCNT counts
φSUB-based prescaler (PSS) divided clock pulses
Bit 3—Reset or NMI (RST/
NMI
NMI
NMI
NMI): Specifies whether an internal reset or NMI interrupt is
requested on TCNT overflow in watchdog timer mode.
Bit 3
RST/
NMI
NMI
NMI
NMI
Description
0
An NMI interrupt is requested
(Initial value)
1
An internal reset is requested
Bits 2 to 0—Clock Select 2 to 0 (CKS2 to CKS0): These bits select an internal clock source,
obtained by dividing the system clock (
φ), or subclock (φSUB) for input to TCNT.
• WDT0 input clock selection
Bit 2
Bit 1
Bit 0
Description
CKS2
CKS1
CKS0
Clock
Overflow Period* (when
φφφφ = 20 MHz)
00
0
φ/2 (Initial value)
25.6 µs
1
φ/64
819.2 µs
10
φ/128
1.6 ms
1
φ/512
6.6 ms
10
0
φ/2048
26.2 ms
1
φ/8192
104.9 ms
10
φ/32768
419.4 ms
1
φ/131072
1.68 s
Note:
*
The overflow period is the time from when TCNT starts counting up from H'00 until
overflow occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com