Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 501 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 501 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 497Page - Renesas Technology Corp HD6432147SW Datasheet HTML 498Page - Renesas Technology Corp HD6432147SW Datasheet HTML 499Page - Renesas Technology Corp HD6432147SW Datasheet HTML 500Page - Renesas Technology Corp HD6432147SW Datasheet HTML 501Page - Renesas Technology Corp HD6432147SW Datasheet HTML 502Page - Renesas Technology Corp HD6432147SW Datasheet HTML 503Page - Renesas Technology Corp HD6432147SW Datasheet HTML 504Page - Renesas Technology Corp HD6432147SW Datasheet HTML 505Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 1177 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 4.00 Sep 27, 2006 page 457 of 1130
REJ09B0327-0400
Clock
Either an internal clock generated by the built-in baud rate generator or an external clock input at
the SCK pin can be selected as the SCI’s serial clock, according to the setting of the C/
A bit in
SMR and the CKE1 and CKE0 bits in SCR. For details of SCI clock source selection, see table
15.9.
When an external clock is input at the SCK pin, the clock frequency should be 16 times the bit rate
used.
When the SCI is operated on an internal clock, the clock can be output from the SCK pin. The
frequency of the clock output in this case is equal to the bit rate, and the phase is such that the
rising edge of the clock is at the center of each transmit data bit, as shown in figure 15.3.
0
1 frame
D0
D1
D2
D3
D4
D5
D6
D7
0/1
1
1
Figure 15.3 Relation between Output Clock and Transfer Data Phase
(Asynchronous Mode)
Data Transfer Operations
SCI Initialization (Asynchronous Mode): Before transmitting and receiving data, first clear the
TE and RE bits in SCR to 0, then initialize the SCI as described below.
When the operating mode, transfer format, etc., is changed, the TE and RE bits must be cleared to
0 before making the change using the following procedure. When the TE bit is cleared to 0, the
TDRE flag is set to 1 and TSR is initialized. Note that clearing the RE bit to 0 does not change the
contents of the RDRF, PER, FER, and ORER flags, or the contents of RDR.
When an external clock is used the clock should not be stopped during operation, including
initialization, since operation is uncertain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com