Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 498 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 498 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 494Page - Renesas Technology Corp HD6432147SW Datasheet HTML 495Page - Renesas Technology Corp HD6432147SW Datasheet HTML 496Page - Renesas Technology Corp HD6432147SW Datasheet HTML 497Page - Renesas Technology Corp HD6432147SW Datasheet HTML 498Page - Renesas Technology Corp HD6432147SW Datasheet HTML 499Page - Renesas Technology Corp HD6432147SW Datasheet HTML 500Page - Renesas Technology Corp HD6432147SW Datasheet HTML 501Page - Renesas Technology Corp HD6432147SW Datasheet HTML 502Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 498 / 1177 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 4.00 Sep 27, 2006 page 454 of 1130
REJ09B0327-0400
Table 15.8
SMR Settings and Serial Transfer Format Selection
SMR Settings
SCI Transfer Format
Bit 7
Bit 6
Bit 2
Bit 5
Bit 3
C/
A
AA
A
CHR
MP
PE
STOP
Mode
Data
Length
Multi-
processor
Bit
Parity
Bit
Stop Bit
Length
00000
8-bit data
No
No
1 bit
1
Asynchronous
mode
2 bits
10
Yes
1 bit
12 bits
1
0
0
7-bit data
No
1 bit
12 bits
10
Yes
1 bit
12 bits
01
—
0
8-bit data
Yes
No
1 bit
—
12 bits
1
—
0
7-bit data
1 bit
—
1
Asynchronous
mode (multi-
processor format)
2 bits
1
————
Synchronous mode 8-bit data
No
None
Table 15.9
SMR and SCR Settings and SCI Clock Source Selection
SMR
SCR Setting
SCI Transfer Clock
Bit 7
Bit 1
Bit 0
C/
A
AA
A
CKE1
CKE0
Mode
Clock
Source
SCK Pin Function
0
0
0
Internal
SCI does not use SCK pin
1
Asynchronous
mode
Outputs clock with same frequency as bit
rate
10
External
1
Inputs clock with frequency of 16 times
the bit rate
1
0
0
Internal
Outputs serial clock
1
Synchronous
mode
1
0
External
Inputs serial clock
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com