Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 494 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 494 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 490Page - Renesas Technology Corp HD6432147SW Datasheet HTML 491Page - Renesas Technology Corp HD6432147SW Datasheet HTML 492Page - Renesas Technology Corp HD6432147SW Datasheet HTML 493Page - Renesas Technology Corp HD6432147SW Datasheet HTML 494Page - Renesas Technology Corp HD6432147SW Datasheet HTML 495Page - Renesas Technology Corp HD6432147SW Datasheet HTML 496Page - Renesas Technology Corp HD6432147SW Datasheet HTML 497Page - Renesas Technology Corp HD6432147SW Datasheet HTML 498Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 494 / 1177 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 4.00 Sep 27, 2006 page 450 of 1130
REJ09B0327-0400
Bit 2—Data Invert (SINV): Specifies inversion of the data logic level. The SINV bit does not
affect the logic level of the parity bit(s): parity bit inversion requires inversion of the O/
E bit in
SMR.
Bit 2
SINV
Description
0
TDR contents are transmitted without modification
(Initial value)
Receive data is stored in RDR without modification
1
TDR contents are inverted before being transmitted
Receive data is stored in RDR in inverted form
Bit 1—Reserved: This bit cannot be modified and is always read as 1.
Bit 0—Serial Communication Interface Mode Select (SMIF): Reserved bit. 1 should not be
written in this bit.
Bit 0
SMIF
Description
0
Normal SCI mode
(Initial value)
1
Reserved mode
15.2.10
Module Stop Control Register (MSTPCR)
7
MSTP15
0
R/W
Bit
Initial value
Read/Write
6
MSTP14
0
R/W
5
MSTP13
1
R/W
4
MSTP12
1
R/W
3
MSTP11
1
R/W
2
MSTP10
1
R/W
1
MSTP9
1
R/W
0
MSTP8
1
R/W
7
MSTP7
1
R/W
6
MSTP6
1
R/W
5
MSTP5
1
R/W
4
MSTP4
1
R/W
3
MSTP3
1
R/W
2
MSTP2
1
R/W
1
MSTP1
1
R/W
0
MSTP0
1
R/W
MSTPCRH
MSTPCRL
MSTPCR, comprising two 8-bit readable/writable registers, performs module stop mode control.
When bit MSTP7, MSTP6, or MSTP5 is set to 1, SCI0, SCI1, or SCI2 operation, respectively,
stops at the end of the bus cycle and a transition is made to module stop mode. For details, see
section 25.5, Module Stop Mode.
MSTPCR is initialized to H'3FFF by a reset and in hardware standby mode. It is not initialized in
software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com