Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 496 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 496 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 492Page - Renesas Technology Corp HD6432147SW Datasheet HTML 493Page - Renesas Technology Corp HD6432147SW Datasheet HTML 494Page - Renesas Technology Corp HD6432147SW Datasheet HTML 495Page - Renesas Technology Corp HD6432147SW Datasheet HTML 496Page - Renesas Technology Corp HD6432147SW Datasheet HTML 497Page - Renesas Technology Corp HD6432147SW Datasheet HTML 498Page - Renesas Technology Corp HD6432147SW Datasheet HTML 499Page - Renesas Technology Corp HD6432147SW Datasheet HTML 500Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 1177 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 4.00 Sep 27, 2006 page 452 of 1130
REJ09B0327-0400
15.2.11
Keyboard Comparator Control Register (KBCOMP)
7
IrE
0
R/W
6
IrCKS2
0
R/W
5
IrCKS1
0
R/W
4
IrCKS0
0
R/W
3
KBADE
0
R/W
0
KBCH0
0
R/W
2
KBCH2
0
R/W
1
KBCH1
0
R/W
Bit
Initial value
Read/Write
KBCOMP is an 8-bit readable/writable register that selects the functions of SCI2 and the A/D
converter.
KBCOMP is initialized to H'00 by a reset and in hardware standby mode.
Bit 7—IrDA Enable (IrE): Specifies normal SCI operation or IrDA operation for SCI2
input/output.
Bit 7
IrE
Description
0
The TxD2/IrTxD and RxD2/IrRxD pins function as TxD2 and RxD2
(Initial value)
1
The TxD2/IrTxD and RxD2/IrRxD pins function as IrTxD and IrRxD
Bits 6 to 4—IrDA Clock Select 2 to 0 (IrCKS2 to IrCKS0): These bits specify the high pulse
width in IrTxD output pulse encoding when the IrDA function is enabled.
Bit 6
Bit 5
Bit 4
IrCKS2
IrCKS1
IrCKS0
Description
00
0B
× 3/16 (3/16 of the bit rate)
(Initial value)
1
φ/2
10
φ/4
1
φ/8
10
0
φ/16
1
φ/32
10
φ/64
1
φ/128
Bits 3 to 0—Keyboard Comparator Control: See the description in section 20, A/D converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com