Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 165Page - Renesas Technology Corp HD6432147SW Datasheet HTML 166Page - Renesas Technology Corp HD6432147SW Datasheet HTML 167Page - Renesas Technology Corp HD6432147SW Datasheet HTML 168Page - Renesas Technology Corp HD6432147SW Datasheet HTML 169Page - Renesas Technology Corp HD6432147SW Datasheet HTML 170Page - Renesas Technology Corp HD6432147SW Datasheet HTML 171Page - Renesas Technology Corp HD6432147SW Datasheet HTML 172Page - Renesas Technology Corp HD6432147SW Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 1177 page
background image
Section 5 Interrupt Controller
Rev. 4.00 Sep 27, 2006 page 125 of 1130
REJ09B0327-0400
5.2.9
Break Address Registers A, B, C (BARA, BARB, BARC)
7
A23
0
R/W
6
A22
0
R/W
5
A21
0
R/W
4
A20
0
R/W
3
A19
0
R/W
0
A16
0
R/W
2
A18
0
R/W
1
A17
0
R/W
Bit
BARA
Initial value
Read/Write
7
A15
0
R/W
6
A14
0
R/W
5
A13
0
R/W
4
A12
0
R/W
3
A11
0
R/W
0
A8
0
R/W
2
A10
0
R/W
1
A9
0
R/W
Bit
BARB
Initial value
Read/Write
7
A7
0
R/W
6
A6
0
R/W
5
A5
0
R/W
4
A4
0
R/W
3
A3
0
R/W
0
—
0
—
2
A2
0
R/W
1
A1
0
R/W
Bit
BARC
Initial value
Read/Write
BAR consists of three 8-bit readable/writable registers (BARA, BARB, and BARC), and is used to
specify the address at which an address break is to be executed.
Each of the BAR registers is initialized to H'00 by a reset and in hardware standby mode. They are
not initialized in software standby mode.
BARA Bits 7 to 0—Address 23 to 16 (A23 to A16)
BARB Bits 7 to 0—Address 15 to 8 (A15 to A8)
BARC Bits 7 to 1—Address 7 to 1 (A7 to A1)
These bits specify the address at which an address break is to be executed. BAR bits A23 to A1
are compared with internal address bus lines A23 to A1, respectively.
The address at which the first instruction byte is located should be specified as the break address.
Occurrence of the address break condition may not be recognized for other addresses.
In normal mode, no comparison is made with address lines A23 to A16.
BARC Bit 0—Reserved: This bit cannot be modified and is always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com