Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 169Page - Renesas Technology Corp HD6432147SW Datasheet HTML 170Page - Renesas Technology Corp HD6432147SW Datasheet HTML 171Page - Renesas Technology Corp HD6432147SW Datasheet HTML 172Page - Renesas Technology Corp HD6432147SW Datasheet HTML 173Page - Renesas Technology Corp HD6432147SW Datasheet HTML 174Page - Renesas Technology Corp HD6432147SW Datasheet HTML 175Page - Renesas Technology Corp HD6432147SW Datasheet HTML 176Page - Renesas Technology Corp HD6432147SW Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 1177 page
background image
Section 5 Interrupt Controller
Rev. 4.00 Sep 27, 2006 page 129 of 1130
REJ09B0327-0400
Table 5.4
Interrupt Sources, Vector Addresses, and Interrupt Priorities
Vector Address
Interrupt Source
Origin of
Interrupt
Source
Vector
Number
Normal
Mode
Advanced
Mode
ICR
Priority
NMI
7
H'000E
H'00001C
High
IRQ0
External
pin
16
H'0020
H'000040
ICRA7
IRQ1
17
H'0022
H'000044
ICRA6
IRQ2
18
H'0024
H'000048
ICRA5
IRQ3
19
H'0026
H'00004C
IRQ4
20
H'0028
H'000050
ICRA4
IRQ5
21
H'002A
H'000054
IRQ6, KIN7 to KIN0
22
H'002C
H'000058
ICRA3
IRQ7, KIN15 to KIN8
23
H'002E
H'00005C
SWDTEND (software
activation interrupt end)
DTC
24
H'0030
H'000060
ICRA2
WOVI0 (interval timer)
Watchdog
timer 0
25
H'0032
H'000064
ICRA1
WOVI1 (interval timer)
Watchdog
timer 1
26
H'0034
H'000068
ICRA0
Address break (PC break)
—
27
H'0036
H'00006C
ADI (A/D conversion end)
A/D
28
H'0038
H'000070
ICRB7
Reserved
—
29
to
47
H'003A
to
H'005E
H'000074
to
H'0000BC
ICIA (input capture A)
48
H'0060
H'0000C0
ICRB6
ICIB (input capture B)
Free-running
timer
49
H'0062
H'0000C4
ICIC (input capture C)
50
H'0064
H'0000C8
ICID (input capture D)
51
H'0066
H'0000CC
OCIA (output compare A)
52
H'0068
H'0000D0
OCIB (output compare B)
53
H'006A
H'0000D4
FOVI (overflow)
54
H'006C
H'0000D8
Reserved
55
H'006E
H'0000DC
Reserved
—
56
to
63
H'0070
to
H'007E
H'0000E0
to
H'0000FC
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com