Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 170Page - Renesas Technology Corp HD6432147SW Datasheet HTML 171Page - Renesas Technology Corp HD6432147SW Datasheet HTML 172Page - Renesas Technology Corp HD6432147SW Datasheet HTML 173Page - Renesas Technology Corp HD6432147SW Datasheet HTML 174Page - Renesas Technology Corp HD6432147SW Datasheet HTML 175Page - Renesas Technology Corp HD6432147SW Datasheet HTML 176Page - Renesas Technology Corp HD6432147SW Datasheet HTML 177Page - Renesas Technology Corp HD6432147SW Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 1177 page
background image
Section 5 Interrupt Controller
Rev. 4.00 Sep 27, 2006 page 130 of 1130
REJ09B0327-0400
Vector Address
Interrupt Source
Origin of
Interrupt
Source
Vector
Number
Normal
Mode
Advanced
Mode
ICR
Priority
CMIA0 (compare-match A)
64
H'0080
H'000100
ICRB3 High
CMIB0 (compare-match B)
8-bit timer
channel 0
65
H'0082
H'000104
OVI0 (overflow)
66
H'0084
H'000108
Reserved
67
H'0086
H'00010C
CMIA1 (compare-match A)
68
H'0088
H'000110
ICRB2
CMIB1 (compare-match B)
69
H'008A
H'000114
OVI1 (overflow)
70
H'008C
H'000118
Reserved
8-bit timer
channel 1
71
H'008E
H'00011C
CMIAY (compare-match A)
72
H'0090
H'000120
ICRB1
CMIBY (compare-match B)
73
H'0092
H'000124
OVIY (overflow)
74
H'0094
H'000128
ICIX (input capture X)
8-bit timer
channels
Y, X
75
H'0096
H'00012C
IBF1 (IDR1 reception completed)
76
H'0098
H'000130
ICRB0
IBF2 (IDR2 reception completed)
77
H'009A
H'000134
IBF3 (IDR3 reception completed)
78
H'009C
H'000138
IBF4 (IDR4 reception completed)
Host
interface
79
H'009E
H'00013C
ERI0 (receive error 0)
80
H'00A0
H'000140
RXI0 (reception completed 0)
81
H'00A2
H'000144
TXI0 (transmit data empty 0)
82
H'00A4
H'000148
TEI0 (transmission end 0)
SCI
channel 0
83
H'00A6
H'00014C
ICRC7
ERI1 (receive error 1)
84
H'00A8
H'000150
ICRC6
RXI1 (reception completed 1)
85
H'00AA
H'000154
TXI1 (transmit data empty 1)
86
H'00AC
H'000158
TEI1 (transmission end 1)
SCI
channel 1
87
H'00AE
H'00015C
ERI2 (receive error 2)
88
H'00B0
H'000160
ICRC5
RXI2 (reception completed 2)
SCI
channel 2
89
H'00B2
H'000164
TXI2 (transmit data empty 2)
90
H'00B4
H'000168
TEI2 (transmission end 2)
91
H'00B6
H'00016C
IICI0 (1-byte transmission/
reception completed)
IIC channel 0
(option)
92
H'00B8
H'000170
ICRC4
DDCSWI (format switch)
93
H'00BA
H'000174
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com