Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 194Page - Renesas Technology Corp HD6432147SW Datasheet HTML 195Page - Renesas Technology Corp HD6432147SW Datasheet HTML 196Page - Renesas Technology Corp HD6432147SW Datasheet HTML 197Page - Renesas Technology Corp HD6432147SW Datasheet HTML 198Page - Renesas Technology Corp HD6432147SW Datasheet HTML 199Page - Renesas Technology Corp HD6432147SW Datasheet HTML 200Page - Renesas Technology Corp HD6432147SW Datasheet HTML 201Page - Renesas Technology Corp HD6432147SW Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 1177 page
background image
Section 6 Bus Controller
Rev. 4.00 Sep 27, 2006 page 154 of 1130
REJ09B0327-0400
6.2
Register Descriptions
6.2.1
Bus Control Register (BCR)
7
ICIS1
1
R/W
6
ICIS0
1
R/W
5
BRSTRM
0
R/W
4
BRSTS1
1
R/W
3
BRSTS0
0
R/W
0
IOS0
1
R/W
2
—
1
R/W
1
IOS1
1
R/W
Bit
Initial value
Read/Write
BCR is an 8-bit readable/writable register that specifies the external memory space access mode,
and the extent of the I/O area when the I/O strobe function has been selected for the
AS pin.
BCR is initialized to H'D7 by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bit 7—Idle Cycle Insert 1 (ICIS1): Reserved. Do not write 0 to this bit.
Bit 6—Idle Cycle Insert 0 (ICIS0): Selects whether or not a one-state idle cycle is to be inserted
between bus cycles when successive external read and external write cycles are performed.
Bit 6
ICIS0
Description
0
Idle cycle not inserted in case of successive external read and external write cycles
1
Idle cycle inserted in case of successive external read and external write cycles
(Initial value)
Bit 5—Burst ROM Enable (BRSTRM): Selects whether external space is designated as a burst
ROM interface space. The selection applies to the entire external space.
Bit 5
BRSTRM
Description
0
Basic bus interface
(Initial value)
1
Burst ROM interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com