Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 196Page - Renesas Technology Corp HD6432147SW Datasheet HTML 197Page - Renesas Technology Corp HD6432147SW Datasheet HTML 198Page - Renesas Technology Corp HD6432147SW Datasheet HTML 199Page - Renesas Technology Corp HD6432147SW Datasheet HTML 200Page - Renesas Technology Corp HD6432147SW Datasheet HTML 201Page - Renesas Technology Corp HD6432147SW Datasheet HTML 202Page - Renesas Technology Corp HD6432147SW Datasheet HTML 203Page - Renesas Technology Corp HD6432147SW Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 1177 page
background image
Section 6 Bus Controller
Rev. 4.00 Sep 27, 2006 page 156 of 1130
REJ09B0327-0400
Bit 7—RAM Select (RAMS)/Bit 6—RAM Area Setting (RAM0): Reserved bits. Always write
0 when writing to these bits in the A-mask version.
Bit 5—Bus Width Control (ABW): Specifies whether the external memory space is 8-bit access
space or 16-bit access space.
Bit 5
ABW
Description
0
External memory space is designated as 16-bit access space
1
External memory space is designated as 8-bit access space
(Initial value)
Bit 4—Access State Control (AST): Specifies whether the external memory space is 2-state
access space or 3-state access space, and simultaneously enables or disables wait state insertion.
Bit 4
AST
Description
0
External memory space is designated as 2-state access space
Wait state insertion in external memory space accesses is disabled
1
External memory space is designated as 3-state access space
(Initial value)
Wait state insertion in external memory space accesses is enabled
Bits 3 and 2—Wait Mode Select 1 and 0 (WMS1, WMS0): These bits select the wait mode
when external memory space is accessed while the AST bit is set to 1.
Bit 3
Bit 2
WMS1
WMS0
Description
0
0
Program wait mode
(Initial value)
1
Wait-disabled mode
1
0
Pin wait mode
1
Pin auto-wait mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com