Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 277 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 273Page - Renesas Technology Corp HD6432147SW Datasheet HTML 274Page - Renesas Technology Corp HD6432147SW Datasheet HTML 275Page - Renesas Technology Corp HD6432147SW Datasheet HTML 276Page - Renesas Technology Corp HD6432147SW Datasheet HTML 277Page - Renesas Technology Corp HD6432147SW Datasheet HTML 278Page - Renesas Technology Corp HD6432147SW Datasheet HTML 279Page - Renesas Technology Corp HD6432147SW Datasheet HTML 280Page - Renesas Technology Corp HD6432147SW Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 233 of 1130
REJ09B0327-0400
8.4
Port 3
8.4.1
Overview
Port 3 is an 8-bit I/O port. Port 3 pins also function as host data bus I/O pins (HDB7 to HDB0)
(H8S/2148 Group and H8S/2147N only), and as data bus I/O pins. Port 3 functions change
according to the operating mode. Port 3 has a built-in MOS input pull-up function that can be
controlled by software.
Figure 8.9 shows the port 3 pin configuration.
P37/D15/HDB7
P36/D14/HDB6
P35/D13/HDB5
P34/D12/HDB4
P33/D11/HDB3
P32/D10/HDB2
P31/D9/HDB1
P30/D8/HDB0
Port 3
Port 3 pins
D15 (I/O)
D14 (I/O)
D13 (I/O)
D12 (I/O)
D11 (I/O)
D10 (I/O)
D9 (I/O)
D8 (I/O)
Pin functions in modes 1, 2 and 3 (EXPE = 1)
P37 (I/O)/HDB7 (I/O)
P36 (I/O)/HDB6 (I/O)
P35 (I/O)/HDB5 (I/O)
P34 (I/O)/HDB4 (I/O)
P33 (I/O)/HDB3 (I/O)
P32 (I/O)/HDB2 (I/O)
P31 (I/O)/HDB1 (I/O)
P30 (I/O)/HDB0 (I/O)
Pin functions in modes 2 and 3 (EXPE = 0)
Figure 8.9 Port 3 Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com