Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 277Page - Renesas Technology Corp HD6432147SW Datasheet HTML 278Page - Renesas Technology Corp HD6432147SW Datasheet HTML 279Page - Renesas Technology Corp HD6432147SW Datasheet HTML 280Page - Renesas Technology Corp HD6432147SW Datasheet HTML 281Page - Renesas Technology Corp HD6432147SW Datasheet HTML 282Page - Renesas Technology Corp HD6432147SW Datasheet HTML 283Page - Renesas Technology Corp HD6432147SW Datasheet HTML 284Page - Renesas Technology Corp HD6432147SW Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 237 of 1130
REJ09B0327-0400
P37 (I/O)/HDB7 (I/O)
P36 (I/O)/HDB6 (I/O)
P35 (I/O)/HDB5 (I/O)
P34 (I/O)/HDB4 (I/O)
P33 (I/O)/HDB3 (I/O)
P32 (I/O)/HDB2 (I/O)
P31 (I/O)/HDB1 (I/O)
P30 (I/O)/HDB0 (I/O)
Port 3
Figure 8.11 Port 3 Pin Functions (Modes 2 and 3 (EXPE = 0))
8.4.4
MOS Input Pull-Up Function
Port 3 has a built-in MOS input pull-up function that can be controlled by software. This MOS
input pull-up function can be used in modes 2 and 3 (when EXPE = 0), and can be specified as on
or off on a bit-by-bit basis.
When a P3DDR bit is cleared to 0 in mode 2 or 3 (when EXPE = 0), setting the corresponding
P3PCR bit to 1 turns on the MOS input pull-up for that pin.
The MOS input pull-up function is in the off state after a reset and in hardware standby mode. The
prior state is retained in software standby mode.
Table 8.9 summarizes the MOS input pull-up states.
Table 8.9
MOS Input Pull-Up States (Port 3)
Mode
Reset
Hardware
Standby Mode
Software
Standby Mode
In Other
Operations
1, 2, 3 (EXPE = 1) Off
Off
Off
Off
2, 3 (EXPE = 0)
Off
Off
On/Off
On/Off
Legend:
Off:
MOS input pull-up is always off.
On/Off: On when P3DDR = 0 and P3PCR = 1; otherwise off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com