Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 290Page - Renesas Technology Corp HD6432147SW Datasheet HTML 291Page - Renesas Technology Corp HD6432147SW Datasheet HTML 292Page - Renesas Technology Corp HD6432147SW Datasheet HTML 293Page - Renesas Technology Corp HD6432147SW Datasheet HTML 294Page - Renesas Technology Corp HD6432147SW Datasheet HTML 295Page - Renesas Technology Corp HD6432147SW Datasheet HTML 296Page - Renesas Technology Corp HD6432147SW Datasheet HTML 297Page - Renesas Technology Corp HD6432147SW Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 250 of 1130
REJ09B0327-0400
8.7.3
Pin Functions
Port 6 pins also function as the 16-bit free-running timer (FRT) I/O pins (FTOA, FTOB, FTIA to
FTID, FTCI), timer X (TMRX) I/O pins (TMOX, TMIX), the timer Y (TMRY) input pin (TMIY),
timer connection I/O pins (HFBACKI, VSYNCI, VSYNCO, VFBACKI, CLAMPO), key-sense
interrupt input pins (
KIN7 to KIN0), comparator input pins (CIN7 to CIN0), and external interrupt
input pins (
IRQ7, IRQ6). In the H8S/2148 Group and H8S/2147N, the port 6 input level can be
switched in four stages. The port 6 pin functions are shown in table 8.15.
Table 8.15
Port 6 Pin Functions
Pin
Selection Method and Pin Functions
P67/TMOX/
IRQ7/
KIN7/CIN7
The pin function is switched as shown below according to the combination of
bits OS3 to OS0 in TCSR of TMRX and bit P67DDR.
OS3 to OS0
All 0
Not all 0
P67DDR
0
1
—
Pin function
P67 input pin
P67 output pin
TMOX output pin
IRQ7 input pin, KIN7 input pin, CIN7 input pin
This pin is used as the
IRQ7 input pin when bit IRQ7E is set to 1 in IER.
It can always be used as the
KIN7 or CIN7 input pin.
P66/FTOB/
IRQ6/
KIN6/CIN6
The pin function is switched as shown below according to the combination of
bit OEB in TOCR of the FRT and bit P66DDR.
OEB
0
1
P66DDR
0
1
—
Pin function
P66 input pin
P66 output pin
FTOB output pin
IRQ6 input pin, KIN6 input pin, CIN6 input pin
This pin is used as the
IRQ6 input pin when bit IRQ6E is set to 1 in IER.
It can always be used as the
KIN6 or CIN6 input pin.
P65DDR
0
1
P65/FTID/
KIN5/
CIN5
Pin function
P65 input pin
P65 output pin
FTID input pin,
KIN5 input pin, CIN5 input pin
This pin can always be used as the FTID,
KIN5, or CIN5 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com