Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 295 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 295 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 291Page - Renesas Technology Corp HD6432147SW Datasheet HTML 292Page - Renesas Technology Corp HD6432147SW Datasheet HTML 293Page - Renesas Technology Corp HD6432147SW Datasheet HTML 294Page - Renesas Technology Corp HD6432147SW Datasheet HTML 295Page - Renesas Technology Corp HD6432147SW Datasheet HTML 296Page - Renesas Technology Corp HD6432147SW Datasheet HTML 297Page - Renesas Technology Corp HD6432147SW Datasheet HTML 298Page - Renesas Technology Corp HD6432147SW Datasheet HTML 299Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 251 of 1130
REJ09B0327-0400
Pin
Selection Method and Pin Functions
P64/FTIC/
KIN4/
CIN4/CLAMPO
The pin function is switched as shown below according to the combination of
bit CLOE in TCONRO of the timer connection function and bit P64DDR.
CLOE
0
1
P64DDR
0
1
—
Pin function
P64
input pin
P64
output pin
CLAMPO
output pin
FTIC input pin,
KIN4 input pin, CIN4 input pin
This pin can always be used as the FTIC,
KIN4, or CIN4 input pin.
P63DDR
0
1
P63/FTIB/
KIN3/
CIN3/VFBACKI
Pin function
P63 input pin
P63 output pin
FTIB input pin, VFBACKI input pin,
KIN3 input pin,
CIN3 input pin
This pin can always be used as the FTIB,
KIN3, CIN3, or VFBACKI input pin.
P62DDR
0
1
Pin function
P62 input pin
P62 output pin
P62/FTIA/TMIY/
KIN2/CIN2/
VSYNCI
FTIA input pin, VSYNCI input pin, TMIY input pin,
KIN2 input pin, CIN2 input pin
This pin can always be used as the FTIA, TMIY,
KIN2, CIN2, or VSYNCI input
pin.
P61/FTOA/
KIN1/
CIN1/VSYNCO
The pin function is switched as shown below according to the combination of
bit OEA in TOCR of the FRT, bit VOE in TCONRO of the timer connection
function, and bit P61DDR.
VOE
0
1
OEA
0
1
0
P61DDR
0
1
——
Pin function
P61
input pin
P61
output pin
FTOA
output pin
VSYNCO
output pin
KIN1 input pin, CIN1 input pin
When this pin is used as the VSYNCO pin, bit OEA in TOCR of the FRT must
be cleared to 0.
This pin can always be used as the
KIN1 or CIN1 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com