Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 295Page - Renesas Technology Corp HD6432147SW Datasheet HTML 296Page - Renesas Technology Corp HD6432147SW Datasheet HTML 297Page - Renesas Technology Corp HD6432147SW Datasheet HTML 298Page - Renesas Technology Corp HD6432147SW Datasheet HTML 299Page - Renesas Technology Corp HD6432147SW Datasheet HTML 300Page - Renesas Technology Corp HD6432147SW Datasheet HTML 301Page - Renesas Technology Corp HD6432147SW Datasheet HTML 302Page - Renesas Technology Corp HD6432147SW Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 255 of 1130
REJ09B0327-0400
8.9
Port 8
8.9.1
Overview
Port 8 is an 8-bit I/O port. Port 8 pins also function as SCI1 I/O pins (TxD1, RxD1, SCK1), the
IIC1 I/O pin (SCL1) (option in H8S/2148 Group and H8S/2147N only), HIF I/O pins (
CS2,
GA20, HA0, HIFSD) (H8S/2148 Group and H8S/2147N only), and external interrupt input pins
(
IRQ5 to IRQ3). Port 8 pin functions are the same in all operating modes. Figure 8.16 shows the
port 8 pin configuration.
P86 (I/O)/
IRQ5 (Input)/SCK1 (I/O)/SCL1 (I/O)
P85 (I/O)/
IRQ4 (Input)/RxD1 (Input)
P84 (I/O)/
IRQ3 (Input)/TxD1 (Output)
P83 (I/O)
P82 (I/O)/HIFSD (Input)
P81 (I/O)/
CS2 (Input)/GA20 (Output)
P80 (I/O)/HA0 (Input)
Port 8
Port 8 pins
Figure 8.16 Port 8 Pin Functions
8.9.2
Register Configuration
Table 8.18 summarizes the port 8 registers.
Table 8.18
Port 8 Registers
Name
Abbreviation
R/W
Initial Value
Address*
1
Port 8 data direction register
P8DDR
W
H'80
H'FFBD*
2
Port 8 data register
P8DR
R/W
H'80
H'FFBF
Notes: 1. Lower 16 bits of the address.
2. P8DDR has the same address as PBPIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com