Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 297Page - Renesas Technology Corp HD6432147SW Datasheet HTML 298Page - Renesas Technology Corp HD6432147SW Datasheet HTML 299Page - Renesas Technology Corp HD6432147SW Datasheet HTML 300Page - Renesas Technology Corp HD6432147SW Datasheet HTML 301Page - Renesas Technology Corp HD6432147SW Datasheet HTML 302Page - Renesas Technology Corp HD6432147SW Datasheet HTML 303Page - Renesas Technology Corp HD6432147SW Datasheet HTML 304Page - Renesas Technology Corp HD6432147SW Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 257 of 1130
REJ09B0327-0400
Table 8.19
Port 8 Pin Functions
Pin
Selection Method and Pin Functions
P86/
IRQ5/SCK1/
SCL1
The pin function is switched as shown below according to the combination of
bits CKE1 and CKE0 in SCR of SCI1, bit C/
A in SMR of SCI1, bit ICE in ICCR
of IIC1, and bit P86DDR.
ICE
0
1
CKE1
0
1
0
C/
A
01
—
0
CKE0
0
1
——
0
P86DDR
0
1
———
—
Pin function
P86
input pin
P86
output pin
SCK1
output pin
SCK1
output pin
SCK1
input pin
SCL1
I/O pin
IRQ5 input pin
When the IRQ5E bit in IER is set to 1, this pin is used as the
IRQ5 input pin.
When this pin is used as the SCL1 I/O pin, bits CKE1 and CKE0 in SCR of
SCI1 and bit C/
A in SMR of SCI1 must all be cleared to 0. SCL1 is an NMOS-
only output, and has direct bus drive capability.
P85/
IRQ4/RxD1
The pin function is switched as shown below according to the combination of
bit RE in SCR of SCI1 and bit P85DDR.
RE
0
1
P85DDR
0
1
—
Pin function
P85 input pin
P85 output pin
RxD1 input pin
IRQ4 input pin
When the IRQ4E bit in IER is set to 1, this pin is used as the
IRQ4 input pin.
P84/
IRQ3/TxD1
The pin function is switched as shown below according to the combination of
bit TE in SCR of SCI1 and bit P84DDR.
TE
0
1
P84DDR
0
1
—
Pin function
P84 input pin
P84 output pin
TxD1 output pin
IRQ3 input pin
When the IRQ3E bit in IER is set to 1, this pin is used as the
IRQ3 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com