Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 300 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 300 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 296Page - Renesas Technology Corp HD6432147SW Datasheet HTML 297Page - Renesas Technology Corp HD6432147SW Datasheet HTML 298Page - Renesas Technology Corp HD6432147SW Datasheet HTML 299Page - Renesas Technology Corp HD6432147SW Datasheet HTML 300Page - Renesas Technology Corp HD6432147SW Datasheet HTML 301Page - Renesas Technology Corp HD6432147SW Datasheet HTML 302Page - Renesas Technology Corp HD6432147SW Datasheet HTML 303Page - Renesas Technology Corp HD6432147SW Datasheet HTML 304Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 256 of 1130
REJ09B0327-0400
Port 8 Data Direction Register (P8DDR)
Bit
765
432
10
—
P86DDR P85DDR P84DDR P83DDR P82DDR P81DDR P80DDR
Initial value
100
000
00
Read/Write
—
WW
WWW
WW
P8DDR is a 7-bit write-only register, the individual bits of which specify input or output for the
pins of port 8. P8DDR has the same address as PBPIN, and if read, the port B state will be
returned.
Setting a P8DDR bit to 1 makes the corresponding port 8 pin an output pin, while clearing the bit
to 0 makes the pin an input pin.
P8DDR is initialized to H'80 by a reset and in hardware standby mode. It retains its prior state in
software standby mode.
Port 8 Data Register (P8DR)
Bit
765
432
10
—
P86DR
P85DR
P84DR
P83DR
P82DR
P81DR
P80DR
Initial value
100
000
00
Read/Write
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
P8DR is a 7-bit readable/writable register that stores output data for the port 8 pins (P86 to P80). If
a port 8 read is performed while P8DDR bits are set to 1, the P8DR values are read directly,
regardless of the actual pin states. If a port 8 read is performed while P8DDR bits are cleared to 0,
the pin states are read.
P8DR is initialized to H'80 by a reset and in hardware standby mode. It retains its prior state in
software standby mode.
8.9.3
Pin Functions
Port 8 pins also function as SCI1 I/O pins (TxD1, RxD1, SCK1), the IIC1 I/O pin (SCL1), HIF
I/O pins (
CS2, GA20, HA0, HIFSD), and external interrupt input pins (IRQ5 to IRQ3). The port 8
pin functions are shown in table 8.19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com