Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 301Page - Renesas Technology Corp HD6432147SW Datasheet HTML 302Page - Renesas Technology Corp HD6432147SW Datasheet HTML 303Page - Renesas Technology Corp HD6432147SW Datasheet HTML 304Page - Renesas Technology Corp HD6432147SW Datasheet HTML 305Page - Renesas Technology Corp HD6432147SW Datasheet HTML 306Page - Renesas Technology Corp HD6432147SW Datasheet HTML 307Page - Renesas Technology Corp HD6432147SW Datasheet HTML 308Page - Renesas Technology Corp HD6432147SW Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 261 of 1130
REJ09B0327-0400
When the ABW bit in WSCR is cleared to 0, pin P90 becomes a bus control output (
LWR),
regardless of the input/output direction indicated by P90DDR. When the ABW bit is 1, pin P90
becomes an output port if P90DDR is set to 1, and an input port if P90DDR is cleared to 0.
• Modes 2 and 3 (EXPE = 0)
When the corresponding P9DDR bits are set to 1, pin P96 functions as the
φ output pin and
pins P97 and P95 to P90 become output ports. When P9DDR bits are cleared to 0, the
corresponding pins become input ports.
Port 9 Data Register (P9DR)
Bit
765
432
10
P97DR
P96DR
P95DR
P94DR
P93DR
P92DR
P91DR
P90DR
Initial value
0
—*
0
000
00
Read/Write
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
Note:
*
Determined by the state of pin P96.
P9DR is an 8-bit readable/writable register that stores output data for the port 9 pins (P97 to P90).
With the exception of P96, if a port 9 read is performed while P9DDR bits are set to 1, the P9DR
values are read directly, regardless of the actual pin states. If a port 9 read is performed while
P9DDR bits are cleared to 0, the pin states are read.
P9DR is initialized to H'00 by a reset and in hardware standby mode. It retains its prior state in
software standby mode.
8.10.3
Pin Functions
Port 9 pins also function as external interrupt input pins (
IRQ0 to IRQ2), the A/D converter trigger
input pin (
ADTRG), HIF input pins (ECS2, CS1, IOW, IOR), the IIC0 I/O pin (SDA0), the
subclock input pin (EXCL), bus control signal I/O pins (
AS/IOS, RD, HWR, LWR, WAIT), and
the system clock (
φ) output pin. The pin functions differ between the mode 1, 2, and 3 (EXPE = 1)
expanded modes and the mode 2 and 3 (EXPE = 0) single-chip modes. The port 9 pin functions
are shown in table 8.21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com