Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 304Page - Renesas Technology Corp HD6432147SW Datasheet HTML 305Page - Renesas Technology Corp HD6432147SW Datasheet HTML 306Page - Renesas Technology Corp HD6432147SW Datasheet HTML 307Page - Renesas Technology Corp HD6432147SW Datasheet HTML 308Page - Renesas Technology Corp HD6432147SW Datasheet HTML 309Page - Renesas Technology Corp HD6432147SW Datasheet HTML 310Page - Renesas Technology Corp HD6432147SW Datasheet HTML 311Page - Renesas Technology Corp HD6432147SW Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 264 of 1130
REJ09B0327-0400
Pin
Selection Method and Pin Functions
P90/
LWR/IRQ2/
ADTRG/ECS2
The pin function is switched as shown below according to the combination of
operating mode, bit ABW in WSCR, bits HI12E and CS2E in SYSCR2, bit
FGA20E in HICR, and bit P90DDR.
Operating
mode
Modes 1, 2, 3 (EXPE = 1)
Modes 2, 3 (EXPE = 0)
ABW
0
1
—
HI12E
—
Any one 0
1
FGA20E
—
1
CS2E
—
1
P90DDR
—
0
101
—
Pin function
LWR
output pin
P90
input pin
P90
output pin
P90
input pin
P90
output pin
ECS2
input pin
IRQ2 input pin, ADTRG input pin
When the IRQ2E bit in IER is set to 1 in mode 1, 2, or 3 (EXPE = 1) with the
ABW bit in WSCR set to 1, or in mode 2 and 3 (EXPE = 0), this pin is used as
the
IRQ2 input pin.
When TRGS1 and TRGS0 in ADCR of the A/D converter are both set to 1, this
pin is used as the
ADTRG input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com