Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 311 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 311 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 307Page - Renesas Technology Corp HD6432147SW Datasheet HTML 308Page - Renesas Technology Corp HD6432147SW Datasheet HTML 309Page - Renesas Technology Corp HD6432147SW Datasheet HTML 310Page - Renesas Technology Corp HD6432147SW Datasheet HTML 311Page - Renesas Technology Corp HD6432147SW Datasheet HTML 312Page - Renesas Technology Corp HD6432147SW Datasheet HTML 313Page - Renesas Technology Corp HD6432147SW Datasheet HTML 314Page - Renesas Technology Corp HD6432147SW Datasheet HTML 315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 267 of 1130
REJ09B0327-0400
PAODR is initialized to H'00 by a reset and in hardware standby mode. It retains its prior state in
software standby mode.
Port A Input Data Register (PAPIN)
Bit
765
432
10
PA7PIN PA6PIN PA5PIN PA4PIN PA3PIN PA2PIN PA1PIN PA0PIN
Initial value
—*
—*
—*
—*
—*
—*
—*
—*
Read/Write
R
R
R
R
R
R
R
R
Note:
*
Determined by the state of pins PA7 to PA0.
Reading PAPIN always returns the pin states.
8.11.3
Pin Functions
Port A pins also function as keyboard buffer controller I/O pins (PS2AC, PS2AD, PS2BC,
PS2BD, PS2CC, PS2CD), key-sense interrupt input pins (
KIN15 to KIN8), expansion A/D
converter input pins (CIN15 to CIN8), and address output pins (A23 to A16). The port A pin
functions are shown in table 8.23.
Table 8.23
Port A Pin Functions
Pin
Selection Method and Pin Functions
PA7/A23/PS2CD/
KIN15/CIN15
The pin function is switched as shown below according to the combination of
operating mode, the KBIOE bit in KBCR2H of the keyboard buffer controller,
the IOSE bit in SYSCR, and bit PA7DDR.
Operating
mode
Modes 1, 2 (EXPE = 0), 3
Mode 2 (EXPE = 1)
KBIOE
0
1
0
1
PA7DDR
0
1
—
01
—
IOSE
——
——
01
—
Pin function
PA7
input
pin
PA7
output
pin
PS2CD
output
pin
PA7
input
pin
A23
output
pin
PA7
output
pin
PS2CD
output
pin
KIN15 input pin, CIN15 input pin, PS2CD input pin
When the IICS bit in STCR is set to 1, this pin functions as a bus buffer. This
pin can always be used as the PS2CD,
KIN15, or CIN15 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com