Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 309Page - Renesas Technology Corp HD6432147SW Datasheet HTML 310Page - Renesas Technology Corp HD6432147SW Datasheet HTML 311Page - Renesas Technology Corp HD6432147SW Datasheet HTML 312Page - Renesas Technology Corp HD6432147SW Datasheet HTML 313Page - Renesas Technology Corp HD6432147SW Datasheet HTML 314Page - Renesas Technology Corp HD6432147SW Datasheet HTML 315Page - Renesas Technology Corp HD6432147SW Datasheet HTML 316Page - Renesas Technology Corp HD6432147SW Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 269 of 1130
REJ09B0327-0400
Pin
Selection Method and Pin Functions
PA4/A20/PS2BC/
KIN12/CIN12
The pin function is switched as shown below according to the combination of
operating mode, the KBIOE bit in KBCR1H of the keyboard buffer controller,
the IOSE bit in SYSCR, and bit PA4DDR.
Operating
mode
Modes 1, 2 (EXPE = 0), 3
Mode 2 (EXPE = 1)
KBIOE
0
1
0
1
PA4DDR
0
1
—
01
—
IOSE
——
——
01
—
Pin function
PA4
input
pin
PA4
output
pin
PS2BC
output
pin
PA4
input
pin
A20
output
pin
PA4
output
pin
PS2BC
output
pin
KIN12 input pin, CIN12 input pin, PS2BC input pin
When the IICS bit in STCR is set to 1, this pin functions as a bus buffer. This
pin can always be used as the PS2BC,
KIN12, or CIN12 input pin.
PA3/A19/PS2AD/
KIN11/CIN11
The pin function is switched as shown below according to the combination of
operating mode, the KBIOE bit in KBCR0H of the keyboard buffer controller,
the IOSE bit in SYSCR, and bit PA3DDR.
Operating
mode
Modes 1, 2 (EXPE = 0), 3
Mode 2 (EXPE = 1)
KBIOE
0
1
0
1
PA3DDR
0
1
—
01
—
IOSE
——
——
01
—
Pin function
PA3
input
pin
PA3
output
pin
PS2AD
output
pin
PA3
input
pin
A19
output
pin
PA3
output
pin
PS2AD
output
pin
KIN11 input pin, CIN11 input pin, PS2AD input pin
This pin can always be used as the PS2AD,
KIN11, or CIN11 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com